Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR32BX102BFURAJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDR32BX102BFURAJ
Description  Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR32BX102BFURAJ Datasheet(HTML) 1 Page - Vishay Siliconix

  CDR32BX102BFURAJ Datasheet HTML 1Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 2Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 3Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 4Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 5Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 6Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 7Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 8Page - Vishay Siliconix CDR32BX102BFURAJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 45026
For technical questions, contact: mlcc@vishay.com
www.vishay.com
Revision: 30-May-11
165
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Multilayer Ceramic Chip Capacitors
MIL Qualified, Type CDR
CDR-MIL-PRF-55681
Vishay Vitramon
FEATURES
• Military qualified products
• Federal stock control number,
CAGE CODE SHV71
• High reliability tested per MIL-PRF-55681
• Tin/lead termination codes “Z” and “U”
• Lead (Pb)-free termination codes “W”, “Y”, “M”
• Wet build process
• Reliable Noble Metal Electrode (NME) system
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Avionic systems
• Sonar systems
• Satellite systems
• Missiles applications
• Geographical information systems
• Global positioning systems
ELECTRICAL SPECIFICATIONS
Note
Electrical characteristics at + 25 °C unless otherwise specified
Operating Temperature: - 55 °C to + 125 °C
Capacitance Range: 1.0 pF to 470 nF
Voltage Range: 50 VDC to 100 VDC
Temperature Coefficient of Capacitance (TCC):
BP: 0 ppm/°C ± 30 ppm/°C from - 55 °C to + 125 °C,
with 0 VDC applied
BX: ± 15 % from - 55 °C to + 125 °C,
with 0 VDC applied
BX: + 15 %, - 25 % from - 55 °C to + 125 °C,
with 100 % rated VDC applied
Dissipation Factor (DF):
BP: 0.15 % maximum
BX: 2.50 % maximum
Test frequency:
1 MHz ± 50 kHz for BP capacitors
 1000 pF
and for BX capacitors
 100 pF
All other BP and BX at 1 kHz ± 50 Hz
Aging Rate:
BP: 0 % maximum per decade
BX: 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
 minimum or
1000
F, whichever is less
Dielectric Strength Test:
Performed per method 103 of EIA-198-2-E
Applied test voltages:
 100 V
DC-rated: 250 % of rated voltage
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - CDR32BX102BFURAJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR32BX101ABMM AVX-CDR32BX101ABMM Datasheet
51Kb / 4P
MIL-PRF-55681/Chips
CDR32BX101ABMP AVX-CDR32BX101ABMP Datasheet
51Kb / 4P
MIL-PRF-55681/Chips
CDR32BX101ABNM AVX-CDR32BX101ABNM Datasheet
51Kb / 4P
MIL-PRF-55681/Chips
CDR32BX101ABNP AVX-CDR32BX101ABNP Datasheet
51Kb / 4P
MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR32BX101ABSM KEMET-CDR32BX101ABSM Datasheet
975Kb / 10P
CERAMIC CHIP/MIL-PRF-55681
More results

Similar Description - CDR32BX102BFURAJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
09-Jul-08
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681 Datasheet
337Kb / 11P
Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
20-Feb-08
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
29-Feb-12
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
28-Feb-12
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
28-Mar-13
MIL-PRF-123 VISHAY-MIL-PRF-123 Datasheet
109Kb / 8P
Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
15-May-17
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
27-Apr-2022
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
11-Jan-17
MIL-PRF-123 VISHAY-MIL-PRF-123_V01 Datasheet
114Kb / 9P
Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type MIL-123
23-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com