Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1580BRTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1580BRTZ-R2
Description  1.2 V Micropower, Precision Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1580BRTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1580BRTZ-R2 Datasheet HTML 4Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 5Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 6Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 7Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 8Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 9Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 10Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 11Page - Analog Devices AD1580BRTZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1580
Rev. F | Page 10 of 12
The AD1580 is ideal for creating the reference level to use with 12-bit
multiplying DACs, such as the AD7943, AD7945, and AD7948.
In the single-supply bias mode (see Figure 26), the impedance
seen looking into the IOUT2 terminal changes with DAC code. If
the AD1580 drives IOUT2 and AGND directly, less than 0.2 LSBs
of additional linearity error results. The buffer amp eliminates
any linearity degradation that could result from variations in
the reference level.
DAC
RBF
AGND
DGND
A1
C1
3.3V
41.2k
Ω
3.3V
AD1580
SIGNAL GROUND
A1: OP295
AD822
OP2283
A1
VREF
VIN
VDD
IOUT1
IOUT2
VOUT
AD7943/
AD7945/
AD7948
Figure 26. Single-Supply System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com