Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASTMB488 Datasheet(PDF) 2 Page - ITT Industries

Part # ASTMB488
Description  DETAIL SPECIFICATION
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ASTMB488 Datasheet(HTML) 2 Page - ITT Industries

  ASTMB488 Datasheet HTML 1Page - ITT Industries ASTMB488 Datasheet HTML 2Page - ITT Industries ASTMB488 Datasheet HTML 3Page - ITT Industries ASTMB488 Datasheet HTML 4Page - ITT Industries ASTMB488 Datasheet HTML 5Page - ITT Industries ASTMB488 Datasheet HTML 6Page - ITT Industries ASTMB488 Datasheet HTML 7Page - ITT Industries ASTMB488 Datasheet HTML 8Page - ITT Industries ASTMB488 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
MIL-DTL-24308G
w/AMENDMENT 2
2
1.3 Classification.
1.3.1 Classes. Connectors covered by this specification are of the following classes.
G - General purpose connectors, see 3.3.6.1 (see note).
N - Nonmagnetic connectors, see 3.3.6.1 (see note).
H - Hermetic connectors.
M - Same as N except, these connectors are intended for space missions.
D - Same as G except, these connectors are intended for space missions.
K - Same as H except, these connectors are intended for space missions.
1.3.2 Style of termination. Connectors covered by this specification are of the following terminal styles:
Crimp
Solder
Insulation displacement contact (IDC)
Printed wiring board (PWB)
1.3.3 Types. Connectors covered by this specification are of the following types:
I
- Standard density (size 20 contacts).
II
- High density (size 22D contacts).
III - Standard density (size 20 IDC contacts)
2. APPLICABLE DOCUMENTS
2.1 General. The documents listed in this section are specified in sections 3, 4, or 5 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document users
are cautioned that they must meet all specified requirements documents cited in sections 3, 4, or 5 of this
specification, whether or not they are listed.
2.2 Government documents.
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those cited in the solicitation or contract.
DEPARTMENT OF DEFENSE SPECIFICATIONS
MIL-C-22520/2
- Crimping tools, Terminal, Hand, Wire Termination for wire barrel sizes 20 through 28
MIL-DTL-24308/23 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell,
Rack and Panel, Socket Contacts, Printed Wiring Board Termination Types
MIL-DTL-24308/24 - Connectors, Electric, Rectangular, Nonenvironmental, Miniature, Polarized Shell,
Rack and Panel, Pin Contacts, Printed Wiring Board Termination Types
MIL-DTL-83488
- Coating, Aluminum, High Purity
MIL-M-24519
- Molding Plastics, Electrical Thermoplastic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com