Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECL10US24 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ECL10US24
Description  530 Watts ECL Series
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ECL10US24 Datasheet(HTML) 2 Page - Omron Electronics LLC

  ECL10US24 Datasheet HTML 1Page - Omron Electronics LLC ECL10US24 Datasheet HTML 2Page - Omron Electronics LLC ECL10US24 Datasheet HTML 3Page - Omron Electronics LLC ECL10US24 Datasheet HTML 4Page - Omron Electronics LLC ECL10US24 Datasheet HTML 5Page - Omron Electronics LLC ECL10US24 Datasheet HTML 6Page - Omron Electronics LLC ECL10US24 Datasheet HTML 7Page - Omron Electronics LLC ECL10US24 Datasheet HTML 8Page - Omron Electronics LLC ECL10US24 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Choose the model that suits the installation space from a
wide variety of shapes and sizes (7 shapes, in standard
or small sizes).
A Wide Variety of Shapes for
Adapting to Different Installation
Locations
Flexible, Pliable Fiber
That Can Be Handled Like Wire
First, Our Standard Lineup
First, Our Standard Lineup
These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces
and positioning.
Flat model
You will certainly appreciate the ease of use that flexible fiber ensures.
Flexible fiber
Conventional fiber
Detect Workpieces in Tight Spaces
Custom-produced Sleeves
Length Can Be Specified in 1-m Units
Saving Energy and Work
Space Savings and Simple Mounting
Flat Models
Models with sleeves
Screw-shaped
Cylindrical
Flat
Equipped with sleeve
Standard Models
Standard Models
P6
Detection with Increased
Reliability
Special-beam Models
Fiber Units for the Food-packaging,
Semiconductor, and FPD Industries
High Resistance to External
Conditions with Fiber
Environment-
resistive Models
Application-
corresponding Models
Flat models that allow simple
screw mounting and
straightforward wiring have
been added to the lineup. Using
these models eliminates the
problem of fibers getting caught
on surrounding objects.
Models with sleeves allow
detection in tight spaces. We
will perform the time-consuming
task of fashioning the sleeve,
with a length and bends to suit
the space (except for ultrafine
sleeves).
We have developed a broad range of fibers to meet a wide
variety of needs. Multicore (flexible) fiber is a new type of
standard fiber that can be used like wire without worrying
about the bending radius. We have also produced fiber that
will not break when used in moving parts and fiber that is
not degraded by contact with oil.
We will produce fiber of the required length (in meter
units). For large-scale installations, specifications of up
to 20 m can be handled. (Specifications of 0.3 m and
0.5 m are also possible.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com