Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1122 Datasheet(PDF) 9 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 9 Page - ams AG

Back Button AS1122 Datasheet HTML 5Page - ams AG AS1122 Datasheet HTML 6Page - ams AG AS1122 Datasheet HTML 7Page - ams AG AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
8 - 22
AS112
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 16.
∆ICOC vs. Constant Output Voltage; REXT = 1kΩ
Figure 17.
∆ICOC vs. Constant Output Voltage; REXT = 10kΩ
0
0.25
0.5
0.75
1
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage (V)
-40°C
+25°C
+85°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0.2 0.6
1
1.4 1.8 2.2 2.6
3
3.4 3.8 4.2 4.6
5
Output Voltage (V)
-40°C
+25°C
+85°C
Figure 18.
∆ICOC vs. Temperature; REXT = 1kΩ
Figure 19.
∆ICOC vs. Temperature; REXT = 10kΩ
0
0.25
0.5
0.75
1
-40
-15
10
35
60
85
Ambient Temperature ( C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
-40
-15
10
35
60
85
Ambient Temperature ( C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V
Figure 20. Supply Current vs. Temperature; REXT = 1k
Ω
Figure 21. Supply Current vs. Temperature; REXT = 10k
Ω
7
7.5
8
8.5
9
9.5
10
10.5
11
-40
-15
10
35
60
85
Ambient Temperature ( C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V
2
2.5
3
3.5
4
4.5
5
5.5
6
-40
-15
10
35
60
85
Ambient Temperature (°C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com