Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16C58B Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16C58B
Description  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C58B Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16C58B Datasheet HTML 29Page - Microchip Technology PIC16C58B Datasheet HTML 30Page - Microchip Technology PIC16C58B Datasheet HTML 31Page - Microchip Technology PIC16C58B Datasheet HTML 32Page - Microchip Technology PIC16C58B Datasheet HTML 33Page - Microchip Technology PIC16C58B Datasheet HTML 34Page - Microchip Technology PIC16C58B Datasheet HTML 35Page - Microchip Technology PIC16C58B Datasheet HTML 36Page - Microchip Technology PIC16C58B Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 33
PIC16C5X
7.2
Oscillator Configurations
7.2.1
OSCILLATOR TYPES
PIC16C5Xs can be operated in four different oscillator
modes. The user can program two configuration bits
(FOSC1:FOSC0) to select one of these four modes:
• LP:
Low Power Crystal
• XT:
Crystal/Resonator
• HS:
High Speed Crystal/Resonator
• RC:
Resistor/Capacitor
7.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes, a crystal or ceramic resonator
is connected to the OSC1/CLKIN and OSC2/CLKOUT
pins
to
establish
oscillation
(Figure 7-3).
The
PIC16C5X oscillator design requires the use of a
parallel cut crystal. Use of a series cut crystal may give
a
frequency
out
of
the
crystal
manufacturers
specifications. When in XT, LP or HS modes, the
device can have an external clock source drive the
OSC1/CLKIN pin (Figure 7-4).
FIGURE 7-3:
CRYSTAL OPERATION
(OR CERAMIC RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
Note:
Not all oscillator selections available for all
parts. See Section 7.1.
Note 1: See Capacitor Selection tables for
recommended values of C1 and C2.
2: A series resistor (RS) may be required for
AT strip cut crystals.
3: RF varies with the crystal chosen (approx.
value = 10 M
Ω).
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To internal
logic
RS(2)
PIC16C5X
FIGURE 7-4:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT OR LP
OSC CONFIGURATION)
TABLE 7-1:
CAPACITOR SELECTION
FOR CERAMIC RESONATORS
- PIC16C5X, PIC16CR5X
TABLE 7-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR
- PIC16C5X, PIC16CR5X
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
455 kHz
2.0 MHz
4.0 MHz
22-100 pF
15-68 pF
15-68 pF
22-100 pF
15-68 pF
15-68 pF
HS
4.0 MHz
8.0 MHz
16.0 MHz
15-68 pF
10-68 pF
10-22 pF
15-68 pF
10-68 pF
10-22 pF
Note:
These values are for design guidance only.
Since each resonator has its own charac-
teristics, the user should consult the reso-
nator manufacturer for appropriate values
of external components.
Osc
Type
Resonator
Freq
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
100 kHz
200 kHz
15 pF
15-30 pF
15-30 pF
15 pF
30-47 pF
15-82 pF
XT
100 kHz
200 kHz
455 kHz
1 MHz
2 MHz
4 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-47 pF
200-300 pF
100-200 pF
15-100 pF
15-30 pF
15-30 pF
15-47 pF
HS
4 MHz
8 MHz
20 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
Note 1: For VDD > 4.5V, C1 = C2
≈ 30 pF is
recommended.
2: These values are for design guidance only.
Rs may be required in HS mode as well as
XT mode to avoid overdriving crystals with
low drive level specification. Since each
crystal has its own characteristics, the user
should consult the crystal manufacturer for
appropriate values of external components.
Note:
If you change from this device to
another device, please verify oscillator
characteristics in your application.
Clock from
ext. system
OSC1
OSC2
PIC16C5X
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com