Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR03WARZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADR03WARZ-R7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR03WARZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADR03WARZ-R7 Datasheet HTML 12Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 13Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 14Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 15Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 16Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 17Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 18Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 19Page - Analog Devices ADR03WARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
ADR01/ADR02/ADR03/ADR06
Rev. R | Page 19 of 20
ORDERING GUIDES
ADR01 Ordering Guide
Model1, 2
Output
Voltage
VO (V)
Initial Accuracy
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
(mV)
(%)
ADR01ARZ
10
10
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR01ARZ-REEL7
10
10
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR01BRZ
10
5
0.05
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR01BRZ-REEL7
10
5
0.05
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1000
ADR01WARZ-R7
10
14
0.14
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR01WARZ-RL
10
14
0.14
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADR01AUJZ-REEL7
10
10
0.1
25
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1E
ADR01BUJZ-REEL7
10
5
0.05
9
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1F
ADR01AKSZ-REEL7
10
10
0.1
25
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1E
ADR01BKSZ-REEL7
10
5
0.05
9
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1F
ADR01CRZ
10
10
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR01CRZ-REEL
10
10
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
1
Z = RoHS Compliant Part.
2
W = Qualified for automotive applications.
ADR02 Ordering Guide
Model1, 2
Output
Voltage
VO (V)
Initial Accuracy
Temperature
Coefficient
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
(mV)
(%)
ADR02AR
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR02AR-REEL
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADR02AR-REEL7
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR02ARZ
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR02ARZ-REEL
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADR02ARZ-REEL7
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR02WARZ-REEL
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADR02WARZ-REEL7
5
5
0.1
10
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR02BRZ
5
3
0.06
3
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR02BRZ-REEL7
5
3
0.06
3
–40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADR02AUJZ-REEL7
5
5
0.1
25
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1G
ADR02BUJZ-R2
5
3
0.06
9
–40°C to +125°C
5-Lead TSOT
UJ-5
250
R1H
ADR02BUJZ-REEL7
5
3
0.06
9
–40°C to +125°C
5-Lead TSOT
UJ-5
3,000
R1H
ADR02AKSZ-REEL7
5
5
0.1
25
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1G
ADR02BKSZ-REEL7
5
3
0.06
9
–40°C to +125°C
5-Lead SC70
KS-5
3,000
R1H
ADR02CRZ
5
5
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
98
ADR02CRZ-REEL
5
5
0.1
40
–40°C to +125°C
8-Lead SOIC_N
R-8
2,500
1
Z = RoHS Compliant Part.
2
W = Qualified for automotive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com