Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1706ARDZ-1.0-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1706ARDZ-1.0-R7
Description  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.0-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP1706ARDZ-1.0-R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.0-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN to GND
−0.3 V to +6 V
OUT to GND
–0.3 V to IN
EN to GND
–0.3 V to +6 V
SS/ADJ/TRK to GND
–0.3 V to +6 V
SENSE to GND
–0.3 V to +6 V
Storage Temperature Range
–65°C to +150°C
Operating Junction Temperature Range
–40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOIC (Exposed Paddle)
58
°C/W
8-Lead 3 mm × 3 mm LFCSP (Exposed Paddle)
66
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com