Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8614ART-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8614ART-R2
Description  Single and Quad 18 V Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8614ART-R2 Datasheet HTML 4Page - Analog Devices AD8614ART-R2 Datasheet HTML 5Page - Analog Devices AD8614ART-R2 Datasheet HTML 6Page - Analog Devices AD8614ART-R2 Datasheet HTML 7Page - Analog Devices AD8614ART-R2 Datasheet HTML 8Page - Analog Devices AD8614ART-R2 Datasheet HTML 9Page - Analog Devices AD8614ART-R2 Datasheet HTML 10Page - Analog Devices AD8614ART-R2 Datasheet HTML 11Page - Analog Devices AD8614ART-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8614/AD8644
Rev. B | Page 8 of 16
SUPPLY VOLTAGE (V)
9
8
0
4
3
2
1
7
5
6
SR–
SR+
AV =1
RL =2kΩ
CL = 200pF
TA = 25°C
02468
10
12
14
16
18
20
Figure 22. Slew Rate vs. Supply Voltage
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
VS =5V
TA =25°C
Figure 23. Voltage Noise Density vs. Frequency, VS = 5 V
FREQUENCY (Hz)
100
10
1
10
100
1k
10k
VS = 18V
TA = 25°C
Figure 24. Voltage Noise Density vs. Frequency, VS = 18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com