Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2623MMX Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2623MMX
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623MMX Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2623MMX Datasheet HTML 2Page - Texas Instruments LM2623MMX Datasheet HTML 3Page - Texas Instruments LM2623MMX Datasheet HTML 4Page - Texas Instruments LM2623MMX Datasheet HTML 5Page - Texas Instruments LM2623MMX Datasheet HTML 6Page - Texas Instruments LM2623MMX Datasheet HTML 7Page - Texas Instruments LM2623MMX Datasheet HTML 8Page - Texas Instruments LM2623MMX Datasheet HTML 9Page - Texas Instruments LM2623MMX Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM2623
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
www.ti.com
DETAILED DESCRIPTION
OPERATING PRINCIPLE
The LM2623 is designed to provide step-up DC-DC voltage regulation in battery-powered and low-input voltage
systems. It combines a step-up switching regulator, N-channel power MOSFET, built-in current limit, thermal
limit, and voltage reference in a single 8-pin VSSOP package Figure 9. The switching DC-DC regulator boosts an
input voltage between .8V and 14V to a regulated output voltage between 1.24V and 14V. The LM2623 starts
from a low 1.1V input and remains operational down to below .8V.
This device is optimized for use in cellular phones and other applications requiring a small size, low profile, as
well as low quiescent current for maximum battery life during stand-by and shutdown. A high-efficiency gated-
oscillator topology offers an output of up to 2A at low output voltages.
Additional features include a built-in peak switch current limit, and thermal protection circuitry.
Figure 9. Functional Diagram
GATED OSCILLATOR CONTROL SCHEME
The on/off regulation mode of the LM2623, along with its ultra-low quiescent current, results in good efficiency
over a very wide load range. The internal oscillator frequency can be programmed using an external resistor to
be constant or vary with the battery voltage. Adding a capacitor to program the frequency allows the designer to
adjust the duty cycle and optimize it for the application. Adding a resistor in addition to the capacitor allows the
duty cycle to dynamically compensate for changes to the input/output voltage ratio. We call this a Ratio Adaptive
Gated Oscillator circuit. See the Application Notes for sample application circuits. Using the correct RC
components to adjust the oscillator allows the part to run with low ripple and high efficiency over a wide range of
loads and input/output voltages.
6
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com