Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6700
Description  Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6700 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.adlinktech.com/cPCI/
Specifications
Processor & System
CPU
μFC-BGA Intel® Core™ i7-620LE Processor 2.0GHz,
4 MB L2, TDP 25W
μFC-BGA Intel® Core™ i7-620UE Processor 1.06GHz,
4 MB L2, TDP 18W
Supports Intel® Hyper-Threading and Turbo Boost Technology
Chipset
Intel® QM57 PCH
Memory
Dual Channel DDR3-800/1066 MHz with ECC soldered
onboard, maximum capacity 8GB
BIOS
AMI® EFI BIOS, 64Mbit SPI flash memory
CompactPCI Bus
PCI 64-bit/66MHz, 3.3V or 5V universal V(I/O)
Supports operation in system and peripheral slots with
CompactPCI® bus communication (Universal mode)
PICMG Standards
PICMG® 2.0 CompactPCI® R3.0
PICMG® 2.1 Hot Swap R2.0
PICMG® 2.9 System Management R1.0
PICMG® 2.16 Packet Switching Backplane R1.0
Connectivity
PMC/XMC
Two PCI 64bit/133MHz PMC sites with rear I/O (PIM)
One PCI-Express x8 XMC site shared with inner PMC site
Ethernet
Two PCI-Express Intel® 82574L Gigabit Ethernet controllers
Two 10/100/1000BASE-T PICMG 2.16 ports
Graphics
Integrated in Intel® Core™ i7 Processor
DVI and RGB to rear
Additional discrete ATI/AMD E4690 GPU supporting two
DVI-I ports on RTM cPCI-R6700
Up to QXGA analog signal
Rear I/O Signals
2x GbE, 2x RS-232, 3x SATA, 6x USB, PCI Express x4, High
Def. Audio, 5x GPIO, TMDS, RGB, LVDS, 2xPIM, KB/MS
Storage
RTM
Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows® XP Professional SP3
Microsoft Windows® 7
Microsoft® Windows® Vista Enterprise
Fedora™ 12
Wind River VxWorks 6.8, 6.6 (w/o SMP)
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power (green), WDT (amber), Hot Swap (blue), Hard Disk (red)
Battery
Gold Capacitor onboard for RTC CMOS RAM
Watchdog Timer
System Reset and NMI, with programmable interval, 1-65535
seconds or minutes
Hardware Monitor
Monitors CPU temperature, system temperature, Vcore and
DC voltages
Mechanical & Environmental
Form Factor
6U 4HP CompactPCI®
Operating Temperature -40°C to +85°C
Storage Temperature
-40°C to +85°C
Rel. Humidity
95% non-condensing
Shock
40G peak-to-peak, 11ms duration, non-operating
Vibration
20 Grms random vibration, 5-500Hz, each axis, operating
Power Consumption
Core™ i7-620LE 2.0 GHz, soldered 2GB DDR3-1067 under
Windows® XP with 100% CPU loading
Current (A)
Power (W)
5V
3.57
17.83
3.3V
5.83
19.25
Total
37.08
Weight
TBD
Certifications
CE/ FCC
Rugged Conduction Cooled 6U CompactPCI®
Intel® Core™ i7 Universal Blade with two PMC sites
CT-61 Series
Ordering Information
Model Number Description/Configuration
Processor Blades
CT-61/620L/M4G
Conduction Cooled 6U CompactPCI® blade with Core™ i7
620LE 2.0GHz and 4GB DDR3-1066 ECC soldered onboard
memory, dual PMC sites
CT-61/620U/M2G
Conduction Cooled 6U CompactPCI® blade with Core™ i7
620UE 1.06GHz and 2GB DDR3-800 ECC soldered onboard
memory, dual PMC sites
Rear Transition Modules
cPCI-R6002
4HP Rear I/O module with GbEx2, COMx2, USBx3, SATAx2,
DVI-I
cPCI-R6100
4HP Rear I/O module with GbEx4, COM, USBx4, SATAx2, DVI,
VGA, PS/2, CF, SD socket
cPCI-R6110
4HP Rear I/O module with GbE x2, USB x4,
SATA x3, VGA, PS/2, CF, SD socket
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x6, DVI-I, SATA x3,
Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6210
4HP Rear I/O module with USB x2, DVI-I, PIM x2, COM x1,
SATA x2
cPCI-R6700
4HP Rear I/O module with discrete GPU ATI/AMD E4690,
DVI-I x2, GbE x2, USB x3, COM x2, KB/MS hearder, SATA x3,
audio header
Mezzanines
DB-CF-SA
CompactFlash socket adapter card (for cPCI-R6110 and
cPCI-R6200)
Contact us for different CPU, memory combinations.
See 6U RTM selection guide for more options.
Features
32nm Intel® Core™ i7 processors with ECC
Up to 8GB DDR3-1066 ECC soldered memory
Two 64-bit/133MHz PMC sites with
rear I/O
One PCI-Express x8 XMC site
PICMG 2.16 compliant
CompactPCI R
2-19
2


Similar Part No. - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
550Kb / 2P
Supports system/peripheral operation
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
549Kb / 2P
Remote management support
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
528Kb / 2P
Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
Advantech Co., Ltd.
MIC-3395MIL ADVANTECH-MIC-3395MIL_13 Datasheet
295Kb / 2P
6U CompactPCI 3rd Generation Intel짰 Core??i7 Rugged Processor Blade with ECC
MIC-3396 ADVANTECH-MIC-3396_15 Datasheet
558Kb / 2P
6U CompactPCI 4th Generation Intel짰 Core??i3/i5/i7 Processor Blade with ECC support
logo
Adlink Technology Inc.
CT-3510 ADLINK-CT-3510 Datasheet
232Kb / 2P
Rugged Conduction Cooled 3U CompactPCI PlusIO Blade
logo
Advantech Co., Ltd.
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com