Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPCI-R6700
Description  Supports system/peripheral operation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPCI-R6700 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6700 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/cPCI/
cPCI-6880 Series 6UCompactPCI®45nmIntel®Core™2Duo
Processor Blade
Features
45nm Intel® Core™2 Duo 2.53GHz,
6MB L2 cache
Up to 8GB DDR2-800 memory
(soldered + SO-DIMM)
DVI + VGA display interfaces
Four PCI-Express GbE ports
Supports system/peripheral operation
PMC
LAN
DVI-I
COM
USB
cPCI-6880
Specifications
Processor & System
CPU
μFC-PGA Intel® CoreTM2 Duo Processor SV 2.53GHz (T9400),
6MB L2, FSB 1066MHz, TDP 35W
uFC-PGA Intel® Core™2 Duo Processor LV 2.26GHz (P8400),
3MB L2, FSB 1066MHz, TDP 25W
μFC-PGA Intel® CoreTM2 Duo Processor 2.2GHz (T7500),
4MB L2, FSB 800MHz, TDP 35W
μFC-PGA Intel® singal-core Celeron® M 2.0GHz (575),
1MB L2, FSB 667MHz, TDP 31W
uFC-PGA Intel® dual-core Celeron® 1.9GHz (T3100),
1MB L2, FSB 800MHz, TDP 35W
Chipset
Intel® GM45 with ICH9M
Memory
Dual channel DDR2-667/800 SDRAM, up to 8GB
One channel for soldered memory, up to 4GB; one channel for
SO-DIMM socket
BIOS
AMIBIOS®8 dual 16Mbit SPI Flash memory
Supports failover
CompactPCI Bus
PCI 64bit/ 66MHz, 3.3V or 5V universal V (I/O)
Supports operation in system slot and peripheral slot
(cPCI-6880P cannot be installed in a peripheral slot with CT
bus backplane)
PICMG Standards
PICMG® 2.0 CompactPCI R3.0
PICMG® 2.1 Hot Swap R2.0
PICMG® 2.9 System Management v1.5 R1.0
PICMG® 2.16 Packet Switching Backplane R1.0
Connectivity
PMC
One PCI 64bit/66MHz PMC site
Ethernet
Four PCI-Express Intel® 82573L Gigabit Ethernet controllers
Two 10/100/1000BASE-T front panel ports
Two 10/100/1000BASE-T PICMG® 2.16 ports
Two additional 10/100/1000BASE-T ports from Intel®
82576EB on RTM cPCI-R6100
Graphics
Integrated in Intel® GM45, powered by Gen-5.0 Graphics
Architecture
One DVI-I (digital+analog) port on front panel (Contact
ADLINK if need DVI support on RTM)
Analog VGA signal routed to RTM (mirror of VGA)
Additional discrete ATI/AMD E4690 GPU supporting two
DVI-I ports on RTM cPCI-R6700
Analog monitor supports up to QXGA
USB
Three USB 2.0 front panel ports
Six USB ports routed to RTM
PS/2
PS/2 Keyboard Mouse port routed to RTM
Serial Port
Max. three 16C550 compatible serial ports
One RJ45 port on front panel, two serial ports routed to RTM
Storage
SBC
Built in 4GB USB NAND flash onboard
(Standard temperature range support only)
One removable SATA direct connector for 2.5” onboard HDD
Optional CF socket to replace SATA direct connector
(Standard temperature range support only)
RTM*
Up to 3 SATA ports
CF (x1) and SD (x1) sockets
*Available interfaces dependent on RTM model selected
Operating System
OS
Microsoft Windows® XP Professional
Microsoft Windows® XP x64 Edition
Microsoft Windows® Vista x64 Edition
Microsoft Windows® 7
Red Hat Enterprise Linux 5.1
Wind River VxWorks 6.8, 6.6, 5.5.1
(Please contact ADLINK for other OS support)
Miscellaneous
LED
Power, WDT, Hot Swap, Hard Disk
Battery
Coin cell lithium battery onboard for RTC CMOS RAM
Watchdog Timer
System Reset and NMI, with Programmable Interval,
1-65535 seconds or minutes
Hardware Monitor
Monitors CPU & system temperatures, Vcore and DC voltages
Mechanical & Environmental
Form Factor
6U 4HP CompactPCI®
233.33mm x 160mm (LxW)
cPCI-6880: equipped with CompactPCI connectors J1,J2,J3,J5
cPCI-6880P: equipped with CompactPCI connectors J1,J2,J3,J4,J5
Operating Temp.
0°C to +60°C standard
-20°C to +70°C extended temperature (cPCI-ET6880)
Storage Temp.
-40°C to +85°C
Rel. Humidity
95% @60°C, non-condensing
Shock
15G peak-to-peak, 11ms duration, non-operating
Vibration
1.88 Grms, 5-500Hz, each axis, operating (with CF card)
Power Consumption
Single CoreTM2 Duo T9400, 4GB DDR2-800, 100GB SATA
HDD onboard under Windows® XP with 100% CPU loading
Current (A) Power (W)
5V
8.46
42.3
3.3V
2.20
7.26
Total
49.56
Weight
Net weight 858g with heatsink
Certifications
CE, FCC
CompactPCI R
2
2-17


Similar Part No. - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
233Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
CPCI-R6700 ETC2-CPCI-R6700 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
549Kb / 2P
Remote management support
CPCI-R6700D ETC2-CPCI-R6700D Datasheet
528Kb / 2P
Two USB 3.0, four GbE ports on front panel
More results

Similar Description - CPCI-R6700

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
List of Unclassifed Man...
CPCI-3970 ETC2-CPCI-3970 Datasheet
525Kb / 2P
Supports system/peripheral slot operation
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
Supports DMA operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
Supports full-duplex operation
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com