Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-R6500D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-R6500D
Description  USB 3.0 and PCI-Express Gen3 support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-R6500D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-R6500D Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-R6500D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) Removable adapter design. SATA adapter by default, can be replaced with CFast adapter.
(2) Tx, Rx signals only.
(3) Two 7-pin signal connectors onboard for external HDDs and one direct connector for onboard 2.5” SATA drive. SATA direct connector can be replaced with CompactFlash
adapter (DB-6920CF).
(4) Converted from USB.
(5) Space is reserved onboard for one 2.5” SATA drive.
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-6520/3612Q/M4-0
4HP cPCI-6520 with Intel® Core™ i7-3612QE
processor and 4GB DDR3-1333 ECC soldered
memory with 2 xGbE, 3 xUSB3.0, COM, 2 xDP,
SATA, CF and PMC/XMC
cPCI-6520/3555L/M0-4
4HP cPCI-6520 with Intel® Core™ i7-3555LE
processor and 4GB DDR3-1333 ECC SODIMM
module with 2 xGbE, 3 xUSB3.0, COM, 2 xDP,
SATA, CF and PMC/XMC
cPCI-6520/3612Q/M4-4
4HP cPCI-6520 with Intel® Core™ i7-3612QE
processor and 4GB DDR3-1333 ECC soldered
memory and 4GB SODIMM module with 2 xGbE,
3 xUSB3.0, COM, 2 xDP, SATA, CF and PMC/XMC
Rear Transition Modules
cPCI-R6100
4HP Rear I/O module with GbE x4, COM, USB x4,
SATA x2, DVI, VGA, PS/2, CF, SD socket
cPCI-R6110
4HP Rear I/O module with GbE x2, COM, USB x4,
SATA x3, VGA, PS/2, CF, SD socket
cPCI-R6200
8HP Rear I/O module with GbE x2, USB x6, DVI-I,
SATA x3, Mic-in, Line-out, PS/2 KB/MS, SAS x8
cPCI-R6700
4HP Rear I/O module with discrete GPU ATI/AMD
E4690, DVI-I x2, GbE x2, USB x3, COM x2, KB/MS
header, SATA x3, audio header
cPCI-R6500D
2-slot 8HP cPCI-R6500D with AMD Radeon E6760
MXM module, 2x GbE, 1x DVI-I, 1x DVI-D, 1x
USB,and 10-pin KB/MS, audio, 2x COM headers
Accessories
DB-CFast
CFast socket adapter board with screws
DP-DVI cable
DisplayPort to DVI adapter cable
DP-VGA cable
DisplayPort to VGA adapter cable
DP-HDMI cable
DisplayPort to HDMI adapter cable
Contact your ADLINK representative for different CPU, memory and storage combinations.
See 6U RTM selection guide for more options.
GbE
USB
2.0
USB
3.0
COM
DVI
VGA
DP
PMC/
XMC
SATA
CFast
CF
Mic-
in
Line-
out
PS/2
KB/MS
SD
SAS
cPCI-6520
Faceplate
2
3
1 (RJ-45)
2
Onboard
1
1(1)
1
cPCI-R6100
Faceplate
4
4
1 (RJ-45)
1
1
1
Onboard
2
(7-pin)
1
1
cPCI-R6110
Faceplate
2
4
1
1
Onboard
3(3)
1(4)
1
cPCI-R6200
Faceplate
2
5
1 (DB-9)
1 (DVI-I)
1
1
1
4
(SFF-
8088)
Onboard
1
(5-pin)
1(2)
(10-pin)
3(3)
1
(optional) (3)
4
(SFF-
8087)
cPCI-R6700
Faceplate
2
3
1 (DB-9)
2 (DVI-I )
Onboard
2
1(2)
(10-pin)
3(5)
(7-pin)
1
(10-pin)
1
(10-pin)
cPCI-R6500D
Faceplate
2
1
2 (DVI-I +DVI-D)
Onboard
1
(10-pin)
2
(10-pin)
3(5)
(7-pin)
1
(10-pin)
1
(10-pin)
cPCI-R6700
COM
USB x3
LAN x2
SATA x3
DVI-I x2
USB x2
SATA
Line-out
Mic-in
USB
SATA
iSAS
COM
DVI-I
USB
USB
eSAS
COM
USB
GbE
GbE
KB/MS
cPCI-R6200
cPCI-R6500D
cPCI-R6100
CF
DVI-D
COM
LAN
LAN
SD
VGA
USB x4
PS/2 KB/MS
SATA
LAN
MxM
Module
DVI
2-8
7
2
1
3
4
5
6
9
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com