Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F2680ISPSQTP Datasheet(PDF) 141 Page - Microchip Technology

Part # PIC18F2680ISPSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ISPSQTP Datasheet(HTML) 141 Page - Microchip Technology

Back Button PIC18F2680ISPSQTP Datasheet HTML 137Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 138Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 139Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 140Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 141Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 142Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 143Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 144Page - Microchip Technology PIC18F2680ISPSQTP Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 139
PIC18F2585/2680/4585/4680
TABLE 10-7:
PORTD I/O SUMMARY
Pin Name
Function
I/O
TRIS
Buffer
Description
RD0/PSP0/
C1IN+
RD0
OUT
0
DIG
LATD<0> data output.
IN
1
ST
PORTD<0> data input.
PSP0
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<0> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<0> control when enabled).
C1IN+
IN
1
ANA
Comparator 1 positive input B. Default on POR. This analog input overrides the digital
input (read as clear – low level).
RD1/PSP1/
C1IN-
RD1
OUT
0
DIG
LATD<1> data output.
IN
1
ST
PORTD<1> data input.
PSP1
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<1> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<1> control when enabled).
C1IN-
IN
1
ANA
Comparator 1 negative input. Default on POR. This analog input overrides the digital
input (read as clear – low level).
RD2/PSP2/
C2IN+
RD2
OUT
0
DIG
LATD<2> data output.
IN
1
ST
PORTD<2> data input.
PSP2
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<2> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<2> control when enabled).
C2IN+
IN
1
ANA
Comparator 2 positive input. Default on POR. This analog input overrides the digital
input (read as clear – low level).
RD3/PSP3/
C2IN-
RD3
OUT
0
DIG
LATD<3> data output.
IN
1
ST
PORTD<3> data input.
PSP3
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<3> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<3> control when enabled).
C2IN-
IN
1
ANA
Comparator 2 negative input. Default input on POR. This analog input overrides the
digital input (read as clear – low level).
RD4/PSP4/
ECCP1/P1A
RD4
OUT
0
DIG
LATD<4> data output.
IN
1
ST
PORTD<4> data input.
PSP4
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<4> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<4> control when enabled).
ECCP1
OUT
0
DIG
ECCP1 compare output.
IN
1
ST
ECCP1 capture input.
P1A
OUT
0
DIG
ECCP1 Enhanced PWM output, channel A.
RD5/PSP5/
P1B
RD5
OUT
0
DIG
LATD<5> data output.
IN
1
ST
PORTD<5> data input.
PSP5
OUT
X
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<5> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<5> control when enabled).
P1B
OUT
0
DIG
ECCP1 Enhanced PWM output, channel B.
RD6/PSP6/
P1C
RD6
OUT
0
DIG
LATD<6> data output.
IN
1
ST
PORTD<6> data input.
PSP6
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<6> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<6> control when enabled).
P1C
OUT
0
DIG
ECCP1 Enhanced PWM output, channel C.
RD7/PSP7/
P1D
RD7
OUT
0
DIG
LATD<7> data output.
IN
1
ST
PORTD<7> data input.
PSP7
OUT
x
DIG
Parallel Slave Port (PSP) data output (overrides the TRIS<7> control when enabled).
IN
x
TTL
Parallel Slave Port (PSP) data input (overrides the TRIS<7> control when enabled).
P1D
OUT
0
DIG
ECCP1 Enhanced PWM output, channel D.
Legend:
PWR = Power Supply; OUT = Output; IN = Input; ANA = Analog Signal; DIG = Digital Output; ST = Schmitt Buffer Input;
TTL = TTL Buffer Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com