| Electronic Components Datasheet Search |
|
PIC18F2680ISPSQTP Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2680ISPSQTP Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 482 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39625C-page 1 PIC18F2585/2680/4585/4680 Power Managed Modes: • Run: CPU on, peripherals on • Idle: CPU off, peripherals on • Sleep: CPU off, peripherals off • Idle mode currents down to 5.8 μA typical • Sleep mode currents down to 0.1 μA typical • Timer1 Oscillator: 1.1 μA, 32 kHz, 2V • Watchdog Timer: 2.1 μA • Two-Speed Oscillator Start-up Flexible Oscillator Structure: • Four Crystal modes, up to 40 MHz • 4x Phase Lock Loop (PLL) – available for crystal and internal oscillators • Two External RC modes, up to 4 MHz • Two External Clock modes, up to 40 MHz • Internal oscillator block: - 8 user selectable frequencies, from 31 kHz to 8 MHz - Provides a complete range of clock speeds, from 31 kHz to 32 MHz when used with PLL - User tunable to compensate for frequency drift • Secondary oscillator using Timer1 @ 32 kHz • Fail-Safe Clock Monitor - Allows for safe shutdown if peripheral clock stops Special Microcontroller Features: • C compiler optimized architecture with optional extended instruction set • 100,000 erase/write cycle Enhanced Flash program memory typical • 1,000,000 erase/write cycle Data EEPROM memory typical • Flash/Data EEPROM Retention: > 40 years • Self-programmable under software control • Priority levels for interrupts • 8 x 8 Single Cycle Hardware Multiplier • Extended Watchdog Timer (WDT): - Programmable period from 41 ms to 131s • Single-Supply 5V In-Circuit Serial Programming™ (ICSP™) via two pins • In-Circuit Debug (ICD) via two pins • Wide operating voltage range: 2.0V to 5.5V Peripheral Highlights: • High current sink/source 25 mA/25 mA • Three external interrupts • One Capture/Compare/PWM (CCP1) module • Enhanced Capture/Compare/PWM (ECCP1) module (40/44-pin devices only): - One, two or four PWM outputs - Selectable polarity - Programmable dead time - Auto-Shutdown and Auto-Restart • Master Synchronous Serial Port (MSSP) module supporting 3-wire SPI (all 4 modes) and I2C™ Master and Slave modes • Enhanced Addressable USART module: - Supports RS-485, RS-232 and LIN 1.3 - RS-232 operation using internal oscillator block (no external crystal required) - Auto-Wake-up on Start bit - Auto-Baud Detect • 10-bit, up to 11-channel Analog-to-Digital Converter module (A/D), up to 100 Ksps - Auto-acquisition capability - Conversion available during Sleep • Dual analog comparators with input multiplexing ECAN Module Features: • Message bit rates up to 1 Mbps • Conforms to CAN 2.0B ACTIVE Specification • Fully backward compatible with PIC18XXX8 CAN modules • Three modes of operation: - Legacy, Enhanced Legacy, FIFO • Three dedicated transmit buffers with prioritization • Two dedicated receive buffers • Six programmable receive/transmit buffers • Three full 29-bit acceptance masks • 16 full 29-bit acceptance filters w/ dynamic association • DeviceNet™ data byte filter support • Automatic remote frame handling • Advanced error management features Device Program Memory Data Memory I/O 10-Bit A/D (ch) CCP1/ ECCP1 (PWM) MSSP Comp. Timers 8/16-bit Flash (bytes) # Single-Word Instructions SRAM (bytes) EEPROM (bytes) SPI Master I2C™ PIC18F2585 48K 24576 3328 1024 28 8 1/0 Y Y 1 0 1/3 PIC18F2680 64K 32768 3328 1024 28 8 1/0 Y Y 1 0 1/3 PIC18F4585 48K 24576 3328 1024 44 11 1/1 Y Y 1 2 1/3 PIC18F4680 64K 32768 3328 1024 40/44 11 1/1 Y Y 1 2 1/3 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN™ Technology, 10-Bit A/D and nanoWatt Technology |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |