Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6780 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STM6780
Description  Dual/triple ultra-low voltage supervisors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6780 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STM6780 Datasheet HTML 16Page - STMicroelectronics STM6780 Datasheet HTML 17Page - STMicroelectronics STM6780 Datasheet HTML 18Page - STMicroelectronics STM6780 Datasheet HTML 19Page - STMicroelectronics STM6780 Datasheet HTML 20Page - STMicroelectronics STM6780 Datasheet HTML 21Page - STMicroelectronics STM6780 Datasheet HTML 22Page - STMicroelectronics STM6780 Datasheet HTML 23Page - STMicroelectronics STM6780 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
DC and AC parameters
STM6717/6718/6719/6720/STM6777/6778/6779/6780
20/30
Doc ID 11469 Rev 8
VRST2
(4)
VTH2
VCC2 reset threshold
T (falling)
3.000
3.075
3.150
V
S (falling)
2.850
2.925
3.000
V
R (falling)
2.550
2.625
2.700
V
Z (falling)
2.250
2.313
2.375
V
Y (falling)
2.125
2.188
2.250
V
W (falling)
1.620
1.665
1.710
V
V (falling)
1.530
1.575
1.620
V
I (falling)
1.350
1.388
1.425
V
H (falling)
1.275
1.313
1.350
V
G (falling)
1.080
1.110
1.140
V
F (falling)
1.020
1.050
1.080
V
K (falling)
0.895
0.925
0.955
V
J (falling)
0.845
0.875
0.905
V
E (falling)
0.810
0.833
0.855
V
D (falling)
0.765
0.788
0.810
V
VHYST
Reset threshold hysteresis
Referenced to VRST typical
0.5
%
tRD
VCC to RST delay
VCC1 = (VRST1 + 100 mV) to
(VRST – 100 mV)
20
µs
VCC2 = (VRST2 + 75 mV) to
(VRST2 – 75 mV)
20
µs
trec
tRP
RST pulse width
blank
140
210
280
ms
B
8.8
13.2
17.6
G
600
900
1200
Adjustable reset comparator input (STM6719/20/79/80)
VRSTIN
RSTIN input threshold
611
626.5
642
mV
IRSTIN
RSTIN input current
–25
+25
nA
RSTIN hysteresis
3
mV
tRSTIND
RSTIN to RST
output delay
VRSTIN to (VRSTIN – 30 mV)
22
µs
Table 6.
DC and AC characteristics (continued)
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com