Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE201210-R39J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CE201210-R39J
Description  Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CE201210-R39J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CE201210-R39J Datasheet HTML 1Page - Bourns Electronic Solutions CE201210-R39J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
0805 size
Available in E12 Series
High frequency
Nickel barrier
RoHS compliant*
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
Automotive electronics
CE201210 Series - Multi-Layer Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and
RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Temperature Rise
.................30 °C max. at rated current
Operating Temperature
................................-55 °C to +125 °C
Storage Temperature
................................-55 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
................................... 260 °C, 10 sec.
Electrical Specifications
Bourns
Part No.
Inductance
Q
Typ.
Test
Frequency
SRF
MHz
DCR
I rms
nH
Tol. %
@100 MHz
L MHz
Min.
mohm
Max.
mA
Max.
CE201210-1N5D
1.5
± 0.3 nH
21
100
4000
100
300
CE201210-1N8D
1.8
± 0.3 nH
18
100
4000
100
300
CE201210-2N2D
2.2
± 0.3 nH
18
100
4000
100
300
CE201210-2N7D
2.8
± 0.3 nH
19
100
4000
100
300
CE201210-3N3J
3.3
± 5
16
100
4000
130
300
CE201210-3N9J
3.9
± 5
18
100
4000
150
300
CE201210-4N7J
4.7
± 5
18
100
3500
200
300
CE201210-5N6J
5.6
± 5
20
100
3200
230
300
CE201210-6N8J
6.8
± 5
20
100
2800
250
300
CE201210-8N2J
8.2
± 5
21
100
2400
280
300
CE201210-10NJ
10
± 5
20
100
2100
300
300
CE201210-12NJ
12
± 5
21
100
1900
350
300
CE201210-15NJ
15
± 5
22
100
1600
400
300
CE201210-18NJ
18
± 5
24
100
1500
450
300
CE201210-22NJ
22
± 5
23
100
1400
500
300
CE201210-27NJ
27
± 5
23
100
1300
550
300
CE201210-33NJ
33
± 5
24
100
1200
600
300
CE201210-39NJ
39
± 5
23
100
1000
650
300
CE201210-47NJ
47
± 5
23
100
900
700
300
CE201210-56NJ
56
± 5
23
100
800
750
300
CE201210-68NJ
68
± 5
25
100
700
800
300
CE201210-82NJ
82
± 5
24
100
600
900
300
CE201210-R10J
100
± 5
23
100
600
900
300
CE201210-R12J
120
± 5
22
50
500
950
300
CE201210-R15J
150
± 5
22
50
500
1000
300
CE201210-R18J
180
± 5
23
50
400
1100
300
CE201210-R22J
220
± 5
20
50
350
1200
300
CE201210-R27J
270
± 5
20
50
300
1300
300
CE201210-R33J
330
± 5
22
50
250
1400
300
CE201210-R39J
390
± 5
17
50
250
1300
300
CE201210-R47J
470
± 5
17
50
200
1500
300
General Specifications
Base Material.............................Ceramic
Terminal ....................................Ag/Ni/Sn
Packaging:
CE201210-1N5D
through
CE201210-82NJ.... 4,000 pcs. per reel
CE201210-R10J
through
CE201210-R27J.... 4,000 pcs. per reel
CE201210-R33J
through
CE201210-R47J.... 2,000 pcs. per reel
Materials
Product Dimensions
Recommended Layout
2.0 ± 0.2
(.079 ± .008)
A ± 0.20
(A ± 0.008)
0.5 ± 0.3
(0.02 ± 0.008)
1.25 ± 0.2
(.049 ± 0.08)
1.0
(.039)
1.0
(.039)
3.0
(.118)
Packaging Specifications
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
60.0
(2.362)
178.0
(7.00)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
DIMENSIONS:
MM
(INCHES)
Model
Dimension A
CE201210-15ND through
CD201210-82NJ
0.83
(0.033)
CE201210-R10J through
CE201210-R39J
1.00
(0.039)
CE201210-R47J
1.25
(0.050)


Similar Part No. - CE201210-R39J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CE201210-R39J BOURNS-CE201210-R39J Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
More results

Similar Description - CE201210-R39J

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
Multi-layer Chip Inductors
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com