Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS6525 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS6525
Description  BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6525 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS6525 Datasheet HTML 1Page - LSI Computer Systems LS6525 Datasheet HTML 2Page - LSI Computer Systems LS6525 Datasheet HTML 3Page - LSI Computer Systems LS6525 Datasheet HTML 4Page - LSI Computer Systems LS6525 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
6525-030713-1
FEATURES:
Power derived from 3.0V Lithium battery
VDD operating range 2.3V to 3.6V
25
μA maximum quiescent current (LS6525)
30
μA maximum quiescent current (LS6526)
Direct interface with PIR sensor
Analog signal and digital interrupt signal outputs for interfacing
with a MCU
2.175V regulated output
Low battery indicator output (LS6526)
LS6525 (DIP), LS6525-S (SOIC)
LS6526 (DIP), LS6526-S (SOIC)
APPLICATIONS:
The low operating voltage and low current drain make the LS6525 /
LS6526 ideal for microcontroller based portable applications such as
battery operated motion detectors and photographic equipment,
automatic doors, intrusion detection, and anywhere electric outlets
are not available.
DESCRIPTION:
The LS6525 / LS6526 is a CMOS integrated circuit designed for
detecting motion from a PIR sensor and is microcontroller interface
ready. It uses a 3.0V Li battery as a source of energy for its
operation. The detailed description of the functional blocks is as
follows (refer to Figure 2).
AMPLIFIERS
The input PIR preamplifier, AMP1, has a nominal gain set at 29V/V
using internal resistors. An internal bias is used so that AMP1O
output has a quiescent voltage of 1.1V. The output of the PIR
amplifier is AC coupled to a second amplifier (AMP2) which uses
external components to set the gain. This second stage is internally
biased and applied to a window comparator which has lower and
higher trip levels set with respect to that bias. External components
are used to set a typical gain of 22V/V. Amplified signals greater in
magnitude than the trip levels will cause an interrupt signal to be
generated at the INT open drain output, pin 12. The INT output can
be pulled to a voltage higher than VDD (pin 13).
The output of the PIR amplifier is also AC coupled to an additional
amplifier (MCU amplifier) which uses external components to set the
gain. An internal bias set the MCO output at 0.5V and external
resistors set a typical gain = 10V/V, the MCO output signal can be
applied to a microcontroller input for processing.
Figure 1
INPUT / OUTPUT DESCRIPTION
PIN1 – PYRO Input – Non-inverting input of PIR amplifier AC
coupled to source of PIR signal.
PIN2 – VREG Output – This output provides power to the PIR
Sensor circuit and for all the internal amplifier circuitry.
PIN3 – AMP1O Output – Output terminal of the PIR amplifier
PIN4 – MCP – 0.5V internal bias. (Internal use only. No external
components.)
PIN5 – MCN Input – Inverting input to the MCU amplifier.
PIN6 – MCO Output – Output of the MCU amplifier.
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
Mar 2013
LS6525
LS6526
PIN ASSIGNMENT


Similar Part No. - LS6525

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results

Similar Description - LS6525

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6505 LSI-LS6505 Datasheet
42Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511 Datasheet
46Kb / 4P
PIR SENSOR INTERFACE
logo
List of Unclassifed Man...
C-7288 ETC2-C-7288 Datasheet
356Kb / 1P
SENSOR PIR
logo
LSI Computer Systems
LS6511N LSI-LS6511N Datasheet
205Kb / 5P
Direct Interface with PIR Sensor
LS6506R LSI-LS6506R Datasheet
240Kb / 12P
PIR SENSOR INTERFACE
LS6501LP LSI-LS6501LP_08 Datasheet
420Kb / 8P
PIR SENSOR INTERFACE
LS6505 LSI-LS6505_06 Datasheet
67Kb / 4P
PIR SENSOR INTERFACE
LS6511 LSI-LS6511_06 Datasheet
274Kb / 4P
PIR SENSOR INTERFACE
LS6522 LSI-LS6522 Datasheet
286Kb / 8P
PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com