Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM186ES-25KC/W Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # AM186ES-25KC/W
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ES-25KC/W Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button AM186ES-25KC/W Datasheet HTML 85Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 86Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 87Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 88Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 89Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 90Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 91Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 92Page - Advanced Micro Devices AM186ES-25KC/W Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
89
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges
Clock (20 MHz and 25 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA, unless otherwise noted. All output test conditions
are with CL=50 pF. For switching tests, VIL=0.45 V and VIH=2.4 V, except at X1 where VIH=VCC– 0.5 V.
a
The specifications for CLKIN are applicable to the normal PLL and CLKDIV2 modes.
The PLL should be used for operations from 16.667 MHz to 40 MHz. For operations below 16.667 MHz, the CLKDIV2
mode should be used.
Because the CLKDIV2 input frequency is two times the system frequency, the specifications for twice the frequency should
be used for CLKDIV2 mode. For example, use the 20 MHz CLKIN specifications for 10 MHz operation.
Parameter
Preliminary
Unit
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
CLKIN Requirements
36
tCKIN
X1 Period(a)
50
60
40
60
ns
37
tCLCK
X1 Low Time (1.5 V)(a)
15
15
ns
38
tCHCK
X1 High Time (1.5 V)(a)
15
15
ns
39
tCKHL
X1 Fall Time (3.5 to 1.0 V)(a)
55
ns
40
tCKLH
X1 Rise Time (1.0 to 3.5 V)(a)
55
ns
CLKOUT Timing
42
tCLCL
CLKOUTA Period
50
40
ns
43
tCLCH
CLKOUTA Low Time (CL=50
pF)
0.5tCLCL–2=23
0.5tCLCL–2=18
ns
44
tCHCL
CLKOUTA High Time (CL=50
pF)
0.5tCLCL–2=23
0.5tCLCL–2=18
ns
45
tCH1CH2 CLKOUTA Rise Time
(1.0 to 3.5 V)
33
ns
46
tCL2CL1
CLKOUTA Fall Time
(3.5 to 1.0 V)
33
ns
61
tLOCK
Maximum PLL Lock Time
1
1
ms
69
tCICOA
X1 to CLKOUTA Skew
15
15
ns
70
tCICOB
X1 to CLKOUTB Skew
25
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com