Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSD833F2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 17Page - STMicroelectronics PSD833F2 Datasheet HTML 18Page - STMicroelectronics PSD833F2 Datasheet HTML 19Page - STMicroelectronics PSD833F2 Datasheet HTML 20Page - STMicroelectronics PSD833F2 Datasheet HTML 21Page - STMicroelectronics PSD833F2 Datasheet HTML 22Page - STMicroelectronics PSD833F2 Datasheet HTML 23Page - STMicroelectronics PSD833F2 Datasheet HTML 24Page - STMicroelectronics PSD833F2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
PSD8XXFX
PSD architectural overview
Doc ID 7833 Rev 7
21/128
3.4
I/O ports
The PSD has 27 individually configurable I/O pins distributed over the four ports (Port A, B,
C, and D). Each I/O pin can be individually configured for different functions. ports can be
configured as standard MCU I/O ports, PLD I/O, or latched address outputs for MCUs using
multiplexed address/data buses.
The JTAG pins can be enabled on port C for in-system programming (ISP).
Ports A and B can also be configured as a data port for a non-multiplexed bus.
3.5
MCU bus interface
PSD interfaces easily with most 8-bit MCUs that have either multiplexed or non-multiplexed
address/data buses. The device is configured to respond to the MCU control signals, which
are also used as inputs to the PLDs. For examples, please see Section 15.4: MCU bus
interface examples.
3.6
JTAG port
In-system programming (ISP) can be performed through the JTAG signals on port C. This
serial interface allows complete programming of the entire PSD device. A blank device can
be completely programmed. The JTAG signals (TMS, TCK, TSTAT, TERR, TDI, TDO) can
be multiplexed with other functions on port C. Table 5 indicates the JTAG pin assignments.
3.7
In-system programming (ISP)
Using the JTAG signals on port C, the entire PSD device can be programmed or erased
without the use of the MCU. The primary Flash memory can also be programmed in-system
by the MCU executing the programming algorithms out of the secondary memory, or SRAM.
The secondary memory can be programmed the same way by executing out of the primary
Flash memory. The PLD or other PSD configuration blocks can be programmed through the
JTAG port or a device programmer. Table 6 indicates which programming methods can
program different functional blocks of the PSD.
3.8
Power management unit (PMU)
The power management unit (PMU) gives the user control of the power consumption on
selected functional blocks based on system requirements. The PMU includes an Automatic
Power-down (APD) Unit that turns off device functions during MCU inactivity. The APD unit
has a Power-down mode that helps reduce power consumption.
Table 4.
PLD I/O
Name
Inputs
Outputs
Product terms
Decode PLD (DPLD)
73
17
42
Complex PLD (CPLD)
73
19
140
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com