Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM239N Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM239N
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM239N Datasheet(HTML) 3 Page - STMicroelectronics

  LM239N Datasheet HTML 1Page - STMicroelectronics LM239N Datasheet HTML 2Page - STMicroelectronics LM239N Datasheet HTML 3Page - STMicroelectronics LM239N Datasheet HTML 4Page - STMicroelectronics LM239N Datasheet HTML 5Page - STMicroelectronics LM239N Datasheet HTML 6Page - STMicroelectronics LM239N Datasheet HTML 7Page - STMicroelectronics LM239N Datasheet HTML 8Page - STMicroelectronics LM239N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM139, LM239, LM339
Absolute maximum ratings and operating conditions
Doc ID 2159 Rev 2
3/16
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
VID
Differential input voltage
±36
V
VIN
Input voltage
-0.3 to +36
V
Output short-circuit to ground (1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and eventual destruction. The
maximum output current is approximately 20 mA independent of the magnitude of VCC
+.
Infinite
Rthja
Thermal resistance junction to ambient(2)
DIP14
SO-14
TSSOP14
2.
Short-circuits can cause excessive heating. These values are typical.
80
105
100
°C/W
Rthjc
Thermal resistance junction to case (2)
DIP14
SO-14
TSSOP14
33
31
32
°C/W
Tstg
Storage temperature range
-65 to +150
°C
Tj
Junction temperature
+150
°C
TLEAD
Lead temperature (soldering 10 seconds)
260
°C
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
Charged device model (CDM)(5)
5.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1500
Table 2.
Operating conditions (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 32
±1 to ±16
V
VICM
Common mode input voltage range
0 to (VCC
+ - 1.5)
V
Toper
Operating free-air temperature range
– LM139, LM139A
– LM239, LM239A
– LM339, LM339A
-55, +125
-40, +105
0, +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com