Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM217T Datasheet(PDF) 22 Page - STMicroelectronics

Part # LM217T
Description  1.2 V to 37 V adjustable voltage regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LM217T Datasheet HTML 17Page - STMicroelectronics LM217T Datasheet HTML 18Page - STMicroelectronics LM217T Datasheet HTML 19Page - STMicroelectronics LM217T Datasheet HTML 20Page - STMicroelectronics LM217T Datasheet HTML 21Page - STMicroelectronics LM217T Datasheet HTML 22Page - STMicroelectronics LM217T Datasheet HTML 23Page - STMicroelectronics LM217T Datasheet HTML 24Page - STMicroelectronics LM217T Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Package mechanical data
LM117, LM217, LM317
22/25
Doc ID 2154 Rev 18
Figure 20.
D²PAK footprint recommended data
Table 8.
Footprint data
Values
Dim.
mm.
inch.
A
12.20
0.480
B
9.75
0.384
C
16.90
0.665
D
3.50
0.138
E
1.60
0.063
F
2.54
0.100
G
5.08
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com