| Electronic Components Datasheet Search |
|
TL054AMFKB Datasheet(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL054AMFKB Datasheet(HTML) 42 Page - Texas Instruments |
|
42 / 68 page ![]() TL05x, TL05xA ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS178A – FEBRUARY 1997 - REVISED FEBRUARY 2003 42 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION precision constant-current source over temperature A precision current source (see Figure 85) benefits from the high input impedance and stability of Texas Instruments enhanced-JFET process. A low-current shunt regulator maintains 2.5 V between the inverting input and the output of the TL05x. The negative feedback then forces 2.5 V across the current-setting resistor R; therefore, the current to the load simply is 2.5 V divided by R. Possible choices for the shunt regulator include the LT1004, LT1009, and LM385. If the regulator’s cathode connects to the operational amplifier output, this circuit sources load current. Similarly, if the cathode connects to the inverting input, the circuit sinks current from the load. To minimize output current change with temperature, R should be a metal film resistor with a low temperature coefficient. Also, this circuit must be operated with split-voltage supplies. 150 pF U2 +15 V U1 –15 V R 100 k Ω IO Load V = 0 to 10 V (a) SOURCE CURRENT LOAD (b) SINK CURRENT LOAD V = 0 to –10 V Load II R –15 V U1 +15 V 150 pF U2 100 k Ω NOTE A: U1 = 1/2 TL05x U2 = LM385, LT1004, or LT1009 voltage reference I = 2.5 V R , R = Low-temperature-coefficient metal-film resistor Figure 85. Precision Constant-Current Source |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |