Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW99PI Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYW99PI
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW99PI Datasheet(HTML) 1 Page - STMicroelectronics

  BYW99PI Datasheet HTML 1Page - STMicroelectronics BYW99PI Datasheet HTML 2Page - STMicroelectronics BYW99PI Datasheet HTML 3Page - STMicroelectronics BYW99PI Datasheet HTML 4Page - STMicroelectronics BYW99PI Datasheet HTML 5Page - STMicroelectronics BYW99PI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BYW99P/PI/W
®
October 1999
Ed : 2A
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
SOT93
(Plastic)
BYW99P-200
SUITED FOR SMPS
VERY LOW FORWARD LOSSES
NEGLIGIBLE SWITCHING LOSSES
HIGH SURGE CURRENT CAPABILITY
HIGH AVALANCHE ENERGY CAPABILITY
INSULATED VERSION TOP3I :
Insulating voltage = 2500 V DC
Capacitance = 12 pF
DESCRIPTION
FEATURES
Dual center tap rectifier suited for switchmode
power supply and high frequency DC to DC
converters.
Packaged in SOT93, TOP3I or TO247 this device
is intended for use in low voltage, high frequency
inverters, free wheeling and polarity protection
applications.
isolated
TOP3I
(Plastic)
BYW99PI-200
Symbol
Parameter
Value
Unit
IF(RMS)
RMS forward current
Per diode
35
A
IF(AV)
Average forward current
δ = 0.5
SOT93 / TO247
Tc=120
°C Per diode
15
A
TOP3I
Tc=115
°C Per diode
15
IFSM
Surge non repetitive forward current
tp=10ms
sinusoidal
Per diode
200
A
Tstg
Tj
Storage and junction temperature range
- 40 to + 150
- 40 to + 150
°C
°C
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
A1
K
A2
TO247
(Plastic)
BYW99W-200
A1
K
A2
1/6
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - BYW99PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW99PI STMICROELECTRONICS-BYW99PI Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99PI-200 STMICROELECTRONICS-BYW99PI-200 Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99PI200 STMICROELECTRONICS-BYW99PI200 Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
More results

Similar Description - BYW99PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYV54V STMICROELECTRONICS-BYV54V Datasheet
56Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
May-2000
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Insulatingvoltage
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
SMBYW02-200 STMICROELECTRONICS-SMBYW02-200 Datasheet
69Kb / 5P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Oct-1999
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Aug-2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com