Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACST435-8FP Datasheet(PDF) 9 Page - STMicroelectronics

Part # ACST435-8FP
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST435-8FP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ACST435-8FP Datasheet HTML 5Page - STMicroelectronics ACST435-8FP Datasheet HTML 6Page - STMicroelectronics ACST435-8FP Datasheet HTML 7Page - STMicroelectronics ACST435-8FP Datasheet HTML 8Page - STMicroelectronics ACST435-8FP Datasheet HTML 9Page - STMicroelectronics ACST435-8FP Datasheet HTML 10Page - STMicroelectronics ACST435-8FP Datasheet HTML 11Page - STMicroelectronics ACST435-8FP Datasheet HTML 12Page - STMicroelectronics ACST435-8FP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ASCT4
Ordering information scheme
Doc ID 8766 Rev 5
9/13
3
Ordering information scheme
Figure 20.
Ordering information scheme
ACS T 4 10 - 8
B TR
AC switch
Topology
On-state rms current
Repetitive peak off-state voltage
Package
T = Triac
4 = 4 A
8 = 800V
TR = Tape and reel
Blank = Tube
Triggering gate current
Delivery mode
10 = 10 mA
35 = 35 mA
B = DPAK
FP = TO-220FPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com