Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR211C104FAT Datasheet(PDF) 33 Page - AVX Corporation

Part # SR211C104FAT
Description  Multilayer CeramicLeaded Capacitors
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR211C104FAT Datasheet(HTML) 33 Page - AVX Corporation

Back Button SR211C104FAT Datasheet HTML 29Page - AVX Corporation SR211C104FAT Datasheet HTML 30Page - AVX Corporation SR211C104FAT Datasheet HTML 31Page - AVX Corporation SR211C104FAT Datasheet HTML 32Page - AVX Corporation SR211C104FAT Datasheet HTML 33Page - AVX Corporation SR211C104FAT Datasheet HTML 34Page - AVX Corporation SR211C104FAT Datasheet HTML 35Page - AVX Corporation SR211C104FAT Datasheet HTML 36Page - AVX Corporation SR211C104FAT Datasheet HTML 37Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
31
Axial Leads/SpinGuard®
Z5U Dielectric
SIZE AND CAPACITANCE SPECIFICATIONS
Dimensions: Millimeters (Inches)
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
*Preferred Industry Decoupling Capacitor — Insertable on .300" centers.
SA105E104ZAA
AVX Style
SA05
SA10
SA11
SA20
SA30
SA40
Length
3.00
4.32
4.32
6.60
7.37
10.16
(L)
(.118")
(.170")
(.170")
(.260")
(.290")
(.400")
Diameter
2.30
2.54
3.05
2.54
3.81
3.81
(D)
(.090")
(.100")
(.120")
(.100")
(.150")
(.150")
Lead
.407
.483
.483
.483
.483
.483
Diameter
(.016")
(.019")
(.019")
(.019")
(.019")
(.019")
Lead
25.4
25.4
25.4
25.4
25.4
25.4
Length
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
(1.00")
Cap. in
Typical AVX
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Part Nos.
50
100
50
100
50
100
50
100
50
100
50
10,000
SA105E103ZAA
15,000
SA105E153ZAA
22,000
SA105E223ZAA
33,000
SA105E333ZAA
47,000
SA105E473ZAA
68,000
SA105E683ZAA
*100,000
SA105E104ZAA
150,000
SA105E154ZAA
220,000
SA105E224ZAA
330,000
SA115E334ZAA
470,000
SA305E474ZAA
680,000
SA305E684ZAA
820,000
SA305E824ZAA
1,000,000
SA305E105ZAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com