| Electronic Components Datasheet Search |
|
MCP201IMF Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP201IMF Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 40 page ![]() © 2007 Microchip Technology Inc. DS21730F-page 13 MCP201 2.0 ELECTRICAL CHARACTERISTICS 2.1 Absolute Maximum Ratings† VIN DC Voltage on Logic pins except CS/WAKE ................................................................................. -0.3 to VREG+0.3V VIN DC Voltage on CS/WAKE ...............................................................................................................-0.3 to VBAT+0.3V VBAT Battery Voltage, non-operating (LIN bus recessive, no regulator load, t < 60s)....................................-0.3 to +40V VBAT Battery Voltage, transient (Note 1)........................................................................................................-0.3 to +40V VBAT Battery Voltage, continuous ..................................................................................................................-0.3 to +30V VLBUS Bus Voltage, continuous.......................................................................................................................-18 to +30V VLBUS Bus Voltage, transient (Note 1) ............................................................................................................-27 to +40V ILBUS Bus Short Circuit Current Limit .................................................................................................................... 200 mA ESD protection on LIN, VBAT (Human Body Model) (Note 2) .................................................................................. >4 kV ESD protection on all other pins (Human Body Model) (Note 2) ............................................................................. >2 kV Maximum Junction Temperature ............................................................................................................................. 150 °C Storage Temperature .................................................................................................................................. -55 to +150 °C Note 1: ISO 7637/1 load dump compliant (t < 500 ms). 2: According to JESD22-A114-B. † NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |