Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F040-55PI Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F040-55PI
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-55PI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F040-55PI Datasheet HTML 7Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 8Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 9Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 10Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 11Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 12Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 13Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 14Page - Advanced Micro Devices AM29F040-55PI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Am29F040
11
Erase Suspend
The Erase Suspend command allows the user to inter-
rupt a Sector Erase operation and then perform data
reads from a sector not being erased. This command is
applicable ONLY during the Sector Erase operation
which includes the time-out period for sector erase. The
Erase Suspend command will be ignored if written dur-
ing the Chip Erase operation or Embedded Program Al-
gorithm. Writing the Erase Suspend command during
the Sector Erase time-out results in immediate termina-
tion of the time-out period and suspension of the erase
operation.
Any other command written during the Erase Sus-
pend mode will be ignored except the Erase Resume
command. Writing the Erase Resume command
resumes the erase operation. The addresses are
“don’t-cares” when writing the Erase Suspend or
Erase Resume command.
When the Erase Suspend command is written during
the Sector Erase operation, the device will take a max-
imum of 15
µs to suspend the erase operation. When
the device has entered the erase-suspended mode,
DQ7 bit will be at logic “1”, and DQ6 will stop toggling.
The user must use the address of the erasing sector for
reading DQ6 and DQ7 to determine if the erase opera-
tion has been suspended. Further writes of the Erase
Suspend command are ignored.
When the erase operation has been suspended, the
device defaults to the erase-suspend-read mode.
Reading data in this mode is the same as reading from
the standard read mode except that the data must be
read from sectors that have not been erase-suspended.
To resume the operation of Sector Erase, the Resume
command (30H) should be written. Any further writes of
the Resume command at this point will be ignored. An-
other Erase Suspend command can be written after the
chip has resumed erasing.
Write Operation Status
Table 5.
Write Operation Status
DQ7
Data Polling
The Am29F040 device features Data Polling as a
method to indicate to the host that the Embedded
Algorithms are in progress or completed. During the
Embedded Program Algorithm an attempt to read the
device produces the compliment of the data last written
to DQ7. Upon completion of the Embedded Program
Algorithm, reading the device produces the true data
last written to DQ7. During the Embedded Erase Algo-
rithm, reading the device produces a “0” at the DQ7
output. Upon completion of the Embedded Erase Algo-
rithm, reading the device produces a “1” at the DQ7
output. The flowchart for Data Polling (DQ7) is shown
in Figure 3.
For chip erase, the Data Polling is valid after the rising
edge of the sixth WE pulse in the six write pulse se-
quence. For sector erase, the Data Polling is valid after
the last rising edge of the sector erase WE pulse. Data
Polling must be performed at sector address within any
of the sectors being erased and not a protected sector.
Otherwise, the status may not be valid. Once the Em-
bedded Algorithm operation is close to being com-
pleted, the Am29F040 data pins (DQ7) may change
asynchronously while the output enable (OE) is as-
serted low. This means that the device is driving status
information on DQ7 at one instant of time and then that
byte’s valid data at the next instant of time. Depending
on when the system samples the DQ7 output, it may
read the status or valid data. Even if the device has
completed the Embedded Algorithm operation and
DQ7 has a valid data, the data outputs on DQ0–DQ6
may be still invalid. The valid data on DQ0–DQ7 will be
read on the successive read attempts.
The Data Polling feature is active during the Embedded
Programming Algorithm, Embedded Erase Algorithm,
Erase Suspend, or sector erase time-out (see Table 5).
Status
DQ7
DQ6
DQ5
DQ3
In Progress
Byte Programming in Embedded Algorithm
DQ7
Toggle
0
0
Embedded Erase Algorithm
0
Toggle
0
1
Erase
Suspended
Mode
Erase Suspended Sector
1
No Toggle
0
1
Non-Erase Suspended Sector
Data
Data
Data
Data
Exceeded
Time Limits
Byte-Programming in Embedded Algorithm
DQ7
Toggle
1
0
Embedded Erase Algorithm
0
Toggle
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com