Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F040-70FC Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM29F040-70FC
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-70FC Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F040-70FC Datasheet HTML 17Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 18Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 19Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 20Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 21Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 22Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 23Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 24Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Am29F040
21
AC CHARACTERISTICS
Read Only Operations Characteristics
Notes:
1.
Test Conditions (for -55):
Output Load: 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to 3.0 V
Timing measurement reference level, input and output: 1.5 V and 1.5 V
(for all others):
Output Load: 1 TTL gate and 100 pF
Input rise and fall times: 20 ns
Input pulse levels: 0.45 V to 2.4 V
Timing measurement reference level, input and output: 0.8 V and 2.0 V
2. Output driver disable time.
3. Not 100% tested.
Parameter Symbols
Description
Test Setup
Speed Options (Note 1)
Unit
JEDEC
Standard
-55
-70
-90
-120
-150
tAVAV
tRC
Read Cycle Time (Note 3)
Min
55
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max
55
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL Max
55
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
30
30
35
50
55
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 2, 3)
Max
18
20
20
30
35
ns
tGHQZ
tDF
Output Enable to Output
High Z (Notes 2, 3)
18
20
20
30
35
ns
tAXQX
tOH
Output Hold Time from
Addresses, CE or OE,
Whichever Occurs First
Min
00000
ns
2.7 k
Ω
Diodes = IN3064
or Equivalent
CL
6.2 k
Ω
5.0 V
IN3064
or Equivalent
Device
Under
Test
17113E-13
Notes:
For –55: CL = 30 pF including jig capacitance
For all others: CL = 100 pF including jig capacitance
Figure 8.
Test Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com