Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F010-45PI Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM29F010-45PI
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010-45PI Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM29F010-45PI Datasheet HTML 13Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 14Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 15Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 16Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 17Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 18Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 19Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 20Page - Advanced Micro Devices AM29F010-45PI Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Am29F010
17
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +125°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1). . . . . . . . . . . . . . . . . . . .–2.0 V to +7.0 V
A9 (Note 2). . . . . . . . . . . . . . . . . . . . –2.0 V to +12.5 V
All other pins (Note 1) . . . . . . . . . . . . –2.0 V to +7.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pin is –0.5 V. During
voltage transitions, inputs may overshoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 5. Maximum DC
voltage on input and I/O pins is VCC + 0.5 V. During volt-
age transitions, input and I/O pins may overshoot to VCC
+ 2.0 V for periods up to 20 ns. See Figure 6.
2. Minimum DC input voltage on A9 pin is –0.5 V. During
voltage transitions, A9 pins may overshoot VSS to –2.0 V
for periods of up to 20 ns. See Figure 5. Maximum DC in-
put voltage on A9 is +12.5 V which may overshoot to 13.5
V for periods up to 20 ns.
3. No more than one output shorted at a time. Duration of
the short circuit should not be greater than one second.
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the op-
erational sections of this specification is not implied. Expo-
sure of the device to absolute maximum rating conditions for
extended periods may affect device reliability.
Figure 5.
Maximum Negative Overshoot
Waveform
Figure 6.
Maximum Positive Overshoot
Waveform
OPERATING RANGES
Commercial (C) Devices
Case Temperature (TA) . . . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Case Temperature (TA) . . . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Case Temperature (TA) . . . . . . . . . . –55°C to +125°C
VCC Supply Voltages
VCC for ±5% devices . . . . . . . . . . .+4.75 V to +5.25 V
VCC for ±10% devices . . . . . . . . . .+4.50 V to +5.50 V
Operating ranges define those limits between which the
functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
16736G-11
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
16736G-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com