Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THDP0200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # THDP0200
Description  High-voltage Differential Probes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THDP0200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  THDP0200 Datasheet HTML 1Page - List of Unclassifed Manufacturers THDP0200 Datasheet HTML 2Page - List of Unclassifed Manufacturers THDP0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers THDP0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers THDP0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers THDP0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
THDP0100 and P5210A
Description
Quantity included
Reorder kit part number
Probe tips
2
020-3070-00
Large hook clips
2
Small hook clips
2
Probe heads
2
Probe and Accessory Derating Table
Common mode, relative to ground, when used with P52xxA Series probes
Accessory
Description
TMDP0200 / P5202A
450 V CAT I
300 V CAT II
THDP0200 / P5200A / P5205A
1000 V CAT II
600 V CAT III
THDP0100 / P5210A
2300 V CAT I
1000 V CAT III
196-3523-00
2x Extender Leads (1.5 m)
2300 V CAT I
1000 V CAT III
Standard
450 V CAT I
300 V CAT II
Standard
1000 V CAT II
600 V CAT III
Standard
2300 V CAT I
1000 V CAT III
AC280-FL
2x Hook Clips
1000 V CAT III
600 V CAT IV
Standard
450 V CAT I
300 V CAT II
Standard
1000 V CAT II
600 V CAT III
Optional
1000 V CAT I
1000 V CAT III
AC283-FL
2x Pincer Clips
1000 V CAT III
600 V CAT IV
Standard
450 V CAT I
300 V CAT II
Standard
1000 V CAT II
600 V CAT III
Optional
1000 V CAT I
1000 V CAT III
AC285-FL
2x Alligator Clips
1000 V CAT III
600 V CAT IV
Standard
450 V CAT I
300 V CAT II
Standard
1000 V CAT II
600 V CAT III
Optional
1000 V CAT I
1000 V CAT III
020-3070-00
Hook Clip Kit
2300 V CAT I
1000 V CAT II
Optional
450 V CAT I
300 V CAT II
Optional
1000 V CAT II
600 V CAT II
Standard
2300 V CAT I
1000 V CAT II
TP175-FL
2x Test Leads
1000 V CAT III
600 V CAT IV
Standard (TMDP0200)
550 V CAT I
300 V CAT III
Standard (THDP0200)
1000 V CAT II
600 V CAT III
Optional
2300 V CAT I
1000 V CAT III
Options
Power plug options (P5200A only)
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A4
North America power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Datasheet
4 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com