Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTSF1P02HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTSF1P02HD
Description  SINGLE TMOS POWER FET 1.8 AMPERES 20 VOLTS RDS(on) = 0.16 OHM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTSF1P02HD Datasheet(HTML) 2 Page - Motorola, Inc

  MTSF1P02HD Datasheet HTML 1Page - Motorola, Inc MTSF1P02HD Datasheet HTML 2Page - Motorola, Inc MTSF1P02HD Datasheet HTML 3Page - Motorola, Inc MTSF1P02HD Datasheet HTML 4Page - Motorola, Inc MTSF1P02HD Datasheet HTML 5Page - Motorola, Inc MTSF1P02HD Datasheet HTML 6Page - Motorola, Inc MTSF1P02HD Datasheet HTML 7Page - Motorola, Inc MTSF1P02HD Datasheet HTML 8Page - Motorola, Inc MTSF1P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MTSF1P02HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(Cpk
≥ 2.0)
(1) (3)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
12.8
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 16 Vdc, VGS = 0 Vdc)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 8.0 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS(2)
Gate Threshold Voltage
(Cpk
≥ 2.0)
(3)
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
0.6
0.8
2.5
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(3)
(VGS = 4.5 Vdc, ID = 1.8 Adc)
(VGS = 2.7 Vdc, ID = 0.9 Adc)
RDS(on)
120
160
160
190
m
Forward Transconductance (VDS = 10 Vdc, ID = 0.9 Adc)
(1)
gFS
2.0
4.0
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
440
pF
Output Capacitance
(VDS = 10 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
300
Transfer Capacitance
f = 1.0 MHz)
Crss
150
SWITCHING CHARACTERISTICS(3)
Turn–On Delay Time
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc, RG = 6.0 Ω) (1)
td(on)
15
ns
Rise Time
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc, RG = 6.0 Ω) (1)
tr
35
Turn–Off Delay Time
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc, RG = 6.0 Ω) (1)
td(off)
55
Fall Time
tf
75
Turn–On Delay Time
(VDD = 10 Vdc, ID = 0.9 Adc,
VGS = 2.7 Vdc, RG = 6.0 Ω) (1)
td(on)
20
Rise Time
(VDD = 10 Vdc, ID = 0.9 Adc,
VGS = 2.7 Vdc, RG = 6.0 Ω) (1)
tr
93
Turn–Off Delay Time
(VDD = 10 Vdc, ID = 0.9 Adc,
VGS = 2.7 Vdc, RG = 6.0 Ω) (1)
td(off)
50
Fall Time
tf
75
Gate Charge
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc)
QT
11
22
nC
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc)
Q1
0.7
(VDS = 10 Vdc, ID = 1.8 Adc,
VGS = 4.5 Vdc)
Q2
5.5
Q3
3.8
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 1.8 Adc, VGS = 0 Vdc) (1)
(IS = 1.8 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
1.24
0.9
2.0
Vdc
Reverse Recovery Time
(IS = 1.8 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (1)
trr
120
ns
(IS = 1.8 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (1)
ta
33
(IS = 1.8 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs) (1)
tb
87
Reverse Recovery Stored Charge
QRR
0.223
µC
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com