Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DV243003 Datasheet(PDF) 13 Page - Microchip Technology

Part # DV243003
Description  MPLAB짰 Starter Kit for Serial Memory Products User?셲 Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV243003 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DV243003 Datasheet HTML 8Page - Microchip Technology DV243003 Datasheet HTML 9Page - Microchip Technology DV243003 Datasheet HTML 10Page - Microchip Technology DV243003 Datasheet HTML 11Page - Microchip Technology DV243003 Datasheet HTML 12Page - Microchip Technology DV243003 Datasheet HTML 13Page - Microchip Technology DV243003 Datasheet HTML 14Page - Microchip Technology DV243003 Datasheet HTML 15Page - Microchip Technology DV243003 Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2008 Microchip Technology Inc.
DS22087B-page 9
MPLAB® STARTER KIT FOR
SERIAL MEMORY PRODUCTS
USER’S GUIDE
Chapter 2. Using the Memory Starter Kit
This chapter describes the Memory Starter Kit functionality and how to:
• Connect the board to the PC
• Select a Device, Write and Read
• Use the Endurance Utility
• Change the Voltage and SPI Mode
2.1
CONNECT THE BOARD TO THE PC
To run the Memory Starter Kit take these basic steps:
1.
Power up the starter kit by connecting the board to the USB port of a computer.
You should briefly see a pop-up balloon in the system tray (lower right of desktop)
that states (1) new hardware has been found, (2) drivers are being installed, and
(3) new hardware is ready for use. If you do not see these messages and then
the Memory Starter Kit does not work, try reconnecting the USB.
2.
Start the MPLAB program and select the Memory Starter Kit from the “Tools”
pull-down menu. You should then see “Memory Starter Kit connected” in the
output window.
2.2
SELECT A DEVICE, WRITE AND READ
Once you have the board connected, select a device:
• Go to the Configure tool bar and the Select Device window will open. Select
“SEExxx” from the Device Family pull-down menu if it is not already selected.
• Next, Select the memory device from the Devices menu.
• Now you are ready to use the Memory Starter Kit.
• Install the device into the 16-pin socket on the board. Be sure to place all
Microwire devices in the upper half of the socket, all other devices including SPI,
I2C, and UNI/O bus parts will go into the bottom half of the socket.
• Read or write to the device by using the Read and Write icons on the top of the
GUI. These buttons work in conjunction with the “Read/Write options” pull-downs
on the upper left. You can write a pattern or the buffer contents to the array. Select
Entire Device or Selected Range for either writing or reading. Check the pull-down
menus before reading or writing to get the desired operation.
2.3
USE THE ENDURANCE UTILITY
The Memory Starter Kit includes a utility that will allow you to test the endurance of any
of the serial memory products that Microchip offers. By clicking on the Endurance
button, you may select a user defined pattern or select from one of the patterns
provided. When writing you have the ability to continuously write, read in between
cycles, or even alternate data patterns. The endurance utility will automatically stop
whenever a failure occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com