Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTEMP-ISO Datasheet(PDF) 21 Page - Microchip Technology

Part # DSTEMP-ISO
Description  16-Bit I2C I/O Expander
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSTEMP-ISO Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSTEMP-ISO Datasheet HTML 17Page - Microchip Technology DSTEMP-ISO Datasheet HTML 18Page - Microchip Technology DSTEMP-ISO Datasheet HTML 19Page - Microchip Technology DSTEMP-ISO Datasheet HTML 20Page - Microchip Technology DSTEMP-ISO Datasheet HTML 21Page - Microchip Technology DSTEMP-ISO Datasheet HTML 22Page - Microchip Technology DSTEMP-ISO Datasheet HTML 23Page - Microchip Technology DSTEMP-ISO Datasheet HTML 24Page - Microchip Technology DSTEMP-ISO Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2007 Microchip Technology Inc.
DS20090C-page 21
MCP23016
FIGURE 2-1:
RESPONSE TIME
TABLE 2-2:
RESPONSE TIME
FIGURE 2-2:
TEST POINT CLOCK TIMING
TABLE 2-3:
TEST POINT CLOCK TIMING
TABLE 2-4:
POWER-UP TIMER REQUIREMENTS
VDD
1
Parameter
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
1
Response Time
100
ns
Minimum time where a VDD
transition from 5.0V to 0.0V to
5.0V will cause a RESET. All
times less than 100 ns will be
filtered.
Parameter
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
FTP
TP pin Frequency
1.0
MHz
Measured at TP pin,
IARES = ‘1’.
2
TTP
TP pin CLK Period
1.0
µs
Measured at TP pin,
IARES = ‘1’.
† Data in "Typ" column is at 5V, +25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
TTP
2
Parameter
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
3TPWRT
Power-up Timer Period
72
ms
† Data in "Typ" column is at 5V, +25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com