Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD3814-1R5-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SD3814-1R5-R
Description  Low Profile, Shielded Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD3814-1R5-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SD3814-1R5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3814-1R5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3814-1R5-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(1) Test Parameters: 100KHz, 0.100Vrms, 0.0Adc.
(2) RMS current for an approximate
∆T of 40°C without core loss. It is
recommended that the temperature of the part not exceed 125°C.
De-rating is necessary for AC currents.
(3) Peak current for approximately 30% rolloff at 20°C.
(4) DCR limits @ 20°C.
(5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to
generate a core loss equal to 10% of the total losses for 40°C temperature rise.
De-rating of the Irms is required to prevent excessive temperature rise.
Part Number
Rated
OCL (1)
Part
Irms (2)
Isat (3)
DCR (4)
Volt (5)
Inductance
+/-15%
Marking
Amperes
Amperes
(
Ω)
u-sec
(µH)
(µH)
Designator
Typ.
Typ.
SD3814-820-R
82.0
81.101
P
0.270
0.296
2.174
32
SD3814-101-R
100.0
98.794
Q
0.228
0.268
3.048
36
SD3814-151-R
150.0
149.026
R
0.191
0.219
4.359
44
SD3814-221-R
220.0
217.342
S
0.170
0.181
5.480
53
SD3814-331-R
330.0
326.812
T
0.136
0.148
8.59
65
SD3814-471-R
470.0
470.031
U
0.111
0.123
12.85
78
SD3814-681-R
680.0
680.320
V
0.100
0.102
15.78
94
SD38 Series
Low Profile, Shielded Inductors
Mechanical Diagrams
TOP VIEW
SIDE VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
1.2
max
1.25
±0.12
5.0
1.0
2 plcs
2.5
2plcs
4.0 typ
4.0
max
4.0
max
Pin #1 indicator
Marking
(see note A)
2.03
±.02
0.09 max
no plating
4.8
MA X
3.65
typ
0.415 min
SD3812 Series
Note A: 3 digit marking. First digit indicates inductance value per chart above.
Second digit indicates bi-weekly date code.
Third digit of year produced. Box indicates SD3814 part.
TOP VIEW
SIDE VIEW
BOTTOM VIEW
RECOMMENDED PCB LAYOUT
SCHEMATIC
1.4
max
1.25
±0.12
2.5
2 plcs
1.0
2 plcs
4.0 typ
5.0
4.0
max
4.0
max
Pin #1indicator
Marking
(see note A)
2.03
±.02
0.09 max
no plating
4.8
MA X
3.65
typ
0.415 min
SD3814 Series
Note A: 3 digit marking. First digit indicates inductance value per chart above.
Second digit indicates bi-weekly date code.
Third digit of year produced. Box indicates SD3814 part.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com