Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD1726PA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1726PA
Description  EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726PA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1726PA Datasheet HTML 1Page - Advanced Linear Devices ALD1726PA Datasheet HTML 2Page - Advanced Linear Devices ALD1726PA Datasheet HTML 3Page - Advanced Linear Devices ALD1726PA Datasheet HTML 4Page - Advanced Linear Devices ALD1726PA Datasheet HTML 5Page - Advanced Linear Devices ALD1726PA Datasheet HTML 6Page - Advanced Linear Devices ALD1726PA Datasheet HTML 7Page - Advanced Linear Devices ALD1726PA Datasheet HTML 8Page - Advanced Linear Devices ALD1726PA Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Advanced Linear Devices
ALD1726E/ALD1726
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25oC VS =
±2.5V unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
25
40
25
40
µAVIN = 0V
No Load
Power Dissipation
PD
200
200
µWVS = ±2.5V
Input Capacitance
CIN
11
pF
Maximum Load Capacitance
CL
25
25
pF
Equivalent Input Noise Voltage
en
55
55
nV/
√Hz
f = 1KHz
Equivalent Input Current Noise
in
0.6
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
400
400
KHz
Slew Rate
SR
0.17
0.17
V/
µsAV = +1
RL = 1MΩ
Rise time
tr
1.0
1.0
µsRL = 1MΩ
Overshoot Factor
20
20
%
RL = 1MΩ,
CL = 25pF
Settling Time
ts
10
10
µs
0.1%
AV = 1,RL=1MΩ
CL = 25pF
TA = 25
oC VS = ±2.5V unless otherwise specified
1726E
1726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.0
1.5
V
Programmable VE Range
∆VE1, ∆VE2
1.0
2.0
0.5
V
Programmed VE Voltage Error
e(VE1-VE2)
0.1
0.1
%
VE Pin Leakage Current
ieb
-5
-5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com