Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBP0130L Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBP0130L
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBP0130L Datasheet(HTML) 2 Page - Comchip Technology

  CDBP0130L Datasheet HTML 1Page - Comchip Technology CDBP0130L Datasheet HTML 2Page - Comchip Technology CDBP0130L Datasheet HTML 3Page - Comchip Technology CDBP0130L Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTIC CURVES (CDBP0130L-G)
SMD Schottky Barrier Diode
Page 2
QW-BA012
REV:B
Fig.2 Reverse Characteristics
10n
VR, Reverse Voltage (V)
0
Fig.1 Forward Characteristics
VF, Forward Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
100n
10μ
100μ
10
Fig.3 Capacitance between terminals
0
VR, Reverse Voltage (V)
10
20
20
1μ
0.6
30
35
1m
10m
0
1
4
7
9
10
1μ
10μ
1m
10m
100μ
100m
1
O
75 C
O
125 C
O
-25 C
O
25 C
O
25 C
5
25
15
O
75 C
O
125 C
O
-25 C
O
25 C
O
25 C
2
3
5
6
8
30
Ft=1MHz
Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com