| Electronic Components Datasheet Search |
|
MPC8548ECVTATJA Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECVTATJA Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc |
|
21 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 21 DDR and DDR2 SDRAM Table 13 provides the recommended operating conditions for the DDR SDRAM controller when GVDD(typ) = 2.5 V. Table 14 provides the DDR I/O capacitance when GVDD(typ) = 2.5 V. This table provides the current draw characteristics for MVREF. Table 13. DDR SDRAM DC Electrical Characteristics for GVDD(typ) = 2.5 V Parameter/Condition Symbol Min Max Unit Notes I/O supply voltage GVDD 2.375 2.625 V 1 I/O reference voltage MVREF 0.49 GV DD 0.51 GV DD V2 I/O termination voltage VTT MVREF – 0.04 MVREF + 0.04 V 3 Input high voltage VIH MVREF + 0.15 GVDD + 0.3 V — Input low voltage VIL –0.3 MVREF – 0.15 V — Output leakage current IOZ –50 50 A4 Output high current (VOUT = 1.95 V) IOH –16.2 — mA — Output low current (VOUT = 0.35 V) IOL 16.2 — mA — Notes: 1. GVDD is expected to be within 50 mV of the DRAM VDD at all times. 2. MVREF is expected to be equal to 0.5 GVDD, and to track GVDD DC variations as measured at the receiver. Peak-to-peak noise on MVREF may not exceed ±2% of the DC value. 3. VTT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be equal to MVREF. This rail must track variations in the DC level of MVREF. 4. Output leakage is measured with all outputs disabled, 0 V V OUT GVDD. Table 14. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V Parameter/Condition Symbol Min Max Unit Notes Input/output capacitance: DQ, DQS CIO 68 pF 1 Delta input/output capacitance: DQ, DQS CDIO —0.5 pF 1 Note: 1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V. Table 15. Current Draw Characteristics for MVREF Parameter/Condition Symbol Min Max Unit Notes Current draw for MVREF IMVREF —500 A1 Note: 1. The voltage regulator for MVREF must be able to supply up to 500 A current. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |