| Electronic Components Datasheet Search |
|
MPC8548ECVTATJA Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECVTATJA Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc |
|
39 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 Freescale Semiconductor 39 Enhanced Three-Speed Ethernet (eTSEC) Figure 18 shows the RMII transmit AC timing diagram. Figure 18. RMII Transmit AC Timing Diagram 8.2.7.2 RMII Receive AC Timing Specifications TSECn_TX_CLK to RMII data TXD[1:0], TX_EN delay tRMTDX 1.0 — 10.0 ns Note: 1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMTKHDX symbolizes MII transmit timing (MT) for the time tMTX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in general, the clock reference symbol representation is based on two to three letters representing the clock of a particular functional. For example, the subscript of tMTX represents the MII(M) transmit (TX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 35. RMII Receive AC Timing Specifications Parameter/Condition Symbol1 Min Typ Max Unit TSECn_TX_CLK clock period tRMR 15.0 20.0 25.0 ns TSECn_TX_CLK duty cycle tRMRH 35 50 65 % TSECn_TX_CLK peak-to-peak jitter tRMRJ —— 250 ps Rise time TSECn_TX_CLK(20%–80%) tRMRR 1.0 — 2.0 ns Fall time TSECn_TX_CLK (80%–20%) tRMRF 1.0 — 2.0 ns RXD[1:0], CRS_DV, RX_ER setup time to REF_CLK rising edge tRMRDV 4.0 — — ns RXD[1:0], CRS_DV, RX_ER hold time to REF_CLK rising edge tRMRDX 2.0 — — ns Note: 1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMRDVKH symbolizes MII receive timing (MR) with respect to the time data input signals (D) reach the valid state (V) relative to the tMRX clock reference (K) going to the high (H) state or setup time. Also, tMRDXKL symbolizes MII receive timing (GR) with respect to the time data input signals (D) went invalid (X) relative to the tMRX clock reference (K) going to the low (L) state or hold time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock of a particular functional. For example, the subscript of tMRX represents the MII (M) receive (RX) clock. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F (fall). Table 34. RMII Transmit AC Timing Specifications (continued) Parameter/Condition Symbol1 Min Typ Max Unit TSECn_TX_CLK TXD[1:0] tRMTDX tRMT tRMTH tRMTR tRMTF TX_EN TX_ER |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |