Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5310ACP-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 12Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 13Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 14Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 15Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 16Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 17Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 18Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 19Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADL5310
Rev. A | Page 18 of 20
3
2
1
3
2
1
VNEG
OUT2
OUT2
VPOS
AGND
12
3
P1
VREF
VBIAS
VBIAS
VSUM
INP1
OUT1
OUT1
IRF1
IRF2
INP2
R1
OPEN
R9
OPEN
R17
OPEN
R30 OPEN
R31
OPEN
C19
OPEN
R32
OPEN
R3
OPEN
C20
OPEN
C14
OPEN
C15
OPEN
C16
OPEN
R12
1k
Ω
R28
665k
Ω
R29
665k
Ω
R13
2k
Ω
R14
2k
Ω
R15
1k
Ω
C10
1nF
C5 100pF
C6 0.01
µF
C11
4.7nF
C12
4.7nF
C13
1nF
J2
PHOTODIODE
J1
PHOTODIODE
C1 0.01
µF
C7 0.01
µF
R10
0
Ω
R19
0
Ω
R2
0
Ω
R4
0
Ω
C9 100pF
C8 0.01
µF
C2
100pF
C3 0.01
µF
R11
0
Ω
R16 0
Ω
R21
0
Ω
R20
0
Ω
R24
0
Ω
R27 0
Ω
R26 0
Ω
R5 0
Ω
R7 0
Ω
C4 OPEN
R8 OPEN
R23
0
Ω
R22
OPEN
R25
OPEN
R6
OPEN
R18
OPEN
LOG2
LOG2
LOG1
LOG1
BIN2
BIN1
VNEG
VRDZ
VBIAS
VREF
OUT2
BIN2
OUT1
LOG2
LOG1
BIN1
P2
1
5
6
7
2
3
4
8
24
1
2
3
4
5
6
18
17
16
15
14
13
23
22
21
20
19
78
9
10
11
12
ADL5310
VSUM
INP1
IRF1
IRF2
INP2
VSUM
SCL1
BIN1
LOG1
LOG2
BIN2
SCL2
Figure 40. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com