Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4816R-R2R-503 Datasheet(PDF) 30 Page - Bourns Electronic Solutions

Part # 4816R-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4816R-R2R-503 Datasheet(HTML) 30 Page - Bourns Electronic Solutions

Back Button 4816R-R2R-503 Datasheet HTML 26Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 27Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 29Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 30Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4816R-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
Specifications are subject to change without notice.
306
These low-pass filters are ideal for installation between I/O drivers and RS 232 connec-
tors.
CONSULT FACTORY FOR VALUES NOT LISTED
0dB
+5dB
-5dB
-10dB
-15dB
-20dB
-25dB
-30dB
-35dB
-40dB
DC
100Hz
1kHz
10kHz
.1MHz
1MHz
10MHz
100MHz
1GHz
200pF
50pF
ATTENUATION VS. FREQUENCY - TYPICAL CAPACITOR VALUES WITH R = 25 OHMS
Attenuation vs. Frequency
Model 4120R-601-250/500
Model 4420-601-250/500
50pF - 3dB @ 84 MHz
Attenuation vs. Frequency
Model 4120R-601-250/201
Model 4420P-601-250/201
200pF - 3dB @ 21 MHz
indicates - 3dB rolloff frequency (f )
c
11
R
10
20
1
R
C
R
TYPICAL CIRCUIT
4120R-601-RC/CC
4420R-601-RC/CC
Insert RC/CC Code from table below to
form part number.
Packages Available
4420P-601-*RC/CC-SMD
4120R-601-*RC/CC-DIP
4118R-601-*RC/CC-DIP
*First two digits are significant. Third
digit represents the number of zeros to
follow.
Seven circuits in an 18-pin package.
Eight circuits in a 20-pin package.
RC
R
CC
C
250
25
Ω
500
50pF
270
27
Ω
101
100pF
470
47
Ω
181
180pF
820
82
Ω
201
200pF
101
100
Ω
How To Order EMI/RFI Filter Networks
44 20 P - 601 - RC/CC
Model
Resistance/Capacitance Code
(44 = SMD SOIC Pkg)
• First 2 digits are significant
(41 = Molded DIP)
• Third digit represents the
number of zeros to follow
Number of Pins
Physical Configuration
Electrical Configuration
P = Surface Mount Device
(SMD)
R = Molded DIP
601 Series - RC Networks T-Filters
Typical Circuit
Attenuation Vs. Frequency - Typical Capacitor Values With R= 25 Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com