Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE2-5TNU-R Datasheet(PDF) 4 Page - NEC

Part # EE2-5TNU-R
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EE2-5TNU-R Datasheet(HTML) 4 Page - NEC

  EE2-5TNU-R Datasheet HTML 1Page - NEC EE2-5TNU-R Datasheet HTML 2Page - NEC EE2-5TNU-R Datasheet HTML 3Page - NEC EE2-5TNU-R Datasheet HTML 4Page - NEC EE2-5TNU-R Datasheet HTML 5Page - NEC EE2-5TNU-R Datasheet HTML 6Page - NEC EE2-5TNU-R Datasheet HTML 7Page - NEC EE2-5TNU-R Datasheet HTML 8Page - NEC EE2-5TNU-R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EE2 SERIES
4
PERFORMANCE CHARACTERISTICS
Contact Form
2 Form C
Contact Material
Silver alloy with gold alloy overlay
Maximum Switching Power
60 W, 125 VA
Maximum Switching Voltage 220 Vdc, 250 Vac
Maximum Switching Current 2 A
Contact Ratings
Maximum Carrying Current
2 A
Minimum Contact Ratings
10 mVdc, 10 µA *1
Initial Contact Resistance
75 mΩ max. (Initial)
Nonlatch type
140 mW (3 to 12 V), 200 mW (24 V)
(ND type : 200 to 230 mW)
(NK type : 230 mW)
Single coil latch type
100 mW (ND type : 100 to 170 mW)
Nominal Operating Power
Single coil latch type
140 mW
Operate Time (Excluding bounce)
Approx. 2 ms
Release Time (Excluding bounce)
Approx. 1 ms
Insulation Resistance
1000 MΩ at 500 Vdc
1000 Vac (for one minute) 1500 V surge (10 × 160 µs *2)
Between open Contacts
NK type :
Make contact : 1500 Vac (for one minute) 2500 V surge (2 × 10 µs*3)
Break contact : 1000 Vac (for one minute) 1500 V surge (10 × 160 µs *2)
Between Adjacent Contacts 1000 Vac (for one minute), 1500 V surge (10 × 160 µs *2)
Withstanding
Between Coil to Contact
1500 Vac (for one minute), 2500 V surge, (2 × 10 µs *3)
Shock Resistance
735 m / s
2 (75G)(misoperating)
980 m / s
2 (100G)(destructive failure)
Vibration Resistance
10 to 55 Hz double amplitude 3 mm (misoperation)
10 to 55 Hz, double amplitude 5 mm (destructive failure)
Ambient Temperature
‐
40 to 85°C
Coil Temperature Rise
18 degrees at nominal coil voltage (140 mW)
Nonload
1 × 10
8 *4 operations (Nonlatch type) 1 × 107 operations (latch type)
50 Vdc 0.1 A (resistive), 1 × 10
6 operations at 85°C, 5 Hz
Running specifications
Load
10 Vdc 10 mA (resistive), 1 × 10
6 operations at 85°C, 2 Hz
Weight
Approx. 1.9 g
*
1
This value is a reference value in the resistance load.
Minimum capacity changes depending on seitching frequency and environment temperature and the load.
*
2
rise time : 10 µs, decay time to half crest : 160 µs
*
3
rise time : 2 µs, decay time to half crest : 10 µs
*
4
This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of
operation by which a steady characteristic is maintained is 1 × 10
7 operations.
Recommended relay drive conditions
Drive under conditions. If it is impossible, please inquire to NEC/TOKIN.
Nonlatch type
Voltage: within ±5% at nominal voltage
Single coil latch type
Double coil latch type
Square pulse (rise and fall time is rapidly)
Pulse height : within ±5% at nominal voltage
Pulse width : More than 10 ms
Ambient temperature
‐
40 to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com