Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5618AMFKB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5618AMFKB
Description  PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5618AMFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5618AMFKB Datasheet HTML 3Page - Texas Instruments TLC5618AMFKB Datasheet HTML 4Page - Texas Instruments TLC5618AMFKB Datasheet HTML 5Page - Texas Instruments TLC5618AMFKB Datasheet HTML 6Page - Texas Instruments TLC5618AMFKB Datasheet HTML 7Page - Texas Instruments TLC5618AMFKB Datasheet HTML 8Page - Texas Instruments TLC5618AMFKB Datasheet HTML 9Page - Texas Instruments TLC5618AMFKB Datasheet HTML 10Page - Texas Instruments TLC5618AMFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLC5618, TLC5618A
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS156G – JULY 1997 – REVISED APRIL 2001
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VDD = 5 V ± 5%,
Vref(REFIN) = 2.048 V (unless otherwise noted) (continued)
digital input timing requirements
MIN
NOM
MAX
UNIT
t
(DS)
Setup time DIN before SCLK low
C and I suffixes
5
ns
tsu(DS)
Setup time, DIN before SCLK low
Q and M suffixes
8
ns
th(DH)
Hold time, DIN valid after SCLK low
5
ns
tsu(CSS)
Setup time, CS low to SCLK low
5
ns
tsu(CS1)
Setup time, SCLK
↑ to CS ↑, external end-of-write
10
ns
tsu(CS2)
Setup time, SCLK
↑ to CS ↓, start of next write cycle
5†
ns
tw(CL)
Pulse duration, SCLK low
25
ns
tw(CH)
Pulse duration, SCLK high
25
ns
† Not production tested for Q and M suffixes.
NOTE A: SCLK must go high after the 16th falling clock edge.
tsu(CSS)
tw(CL)
tw(CH)
CS
SCLK
DIN
tsu(DS)
th(DH)
D15
D14
D13
D12
D11
D0
ts
DAC A/B
OUT
≤ Final Value ±0.5 LSB
(see Note A)
Program Bits (4)
DAC Data
Bits (12)
tsu(CS1)
tsu(CS2)
Figure 1. Timing Diagram for the TLC5618A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com