Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSTEMP-I/P Datasheet(PDF) 25 Page - Microchip Technology

Part # DSTEMP-I/P
Description  2K 5.0V I2C Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSTEMP-I/P Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSTEMP-I/P Datasheet HTML 20Page - Microchip Technology DSTEMP-I/P Datasheet HTML 21Page - Microchip Technology DSTEMP-I/P Datasheet HTML 22Page - Microchip Technology DSTEMP-I/P Datasheet HTML 23Page - Microchip Technology DSTEMP-I/P Datasheet HTML 24Page - Microchip Technology DSTEMP-I/P Datasheet HTML 25Page - Microchip Technology DSTEMP-I/P Datasheet HTML 26Page - Microchip Technology DSTEMP-I/P Datasheet HTML 27Page - Microchip Technology DSTEMP-I/P Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21202H-page 25
24C02C
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24C02C 2K I2C™ Serial EEPROM
24C02CT 2K I2C™ Serial EEPROM (Tape and Reel)
Temperature
Range:
I= -40
°C to +85°C
E= -40
°C to +125°C
Package:
P
=
Plastic DIP (300 mil Body), 8-lead
SN
=
Plastic SOIC, (3.90 mm Body), 8-lead
ST
=
TSSOP (4.4 mm Body), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
MC
= 2x3 DFN, 8-lead
MNY(1) =
Plastic Dual Flat (TDFN), No lead package,
2x3 mm body, 8-lead
Examples:
a)
DSTEMP-I/P:
Industrial
Temperature,
PDIP Package
b)
DSTEMP-E/SN: Extended Temperature,
SOIC Package
c)
DSTEMP-I/MNY: Industrial Temperature,
2x3 TDFN Package
Note 1: “Y” indicates a Nickel, Palladium, Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com