Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87232-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 87232-2
Description  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

87232-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 87232-2 Datasheet HTML 17Page - Tyco Electronics 87232-2 Datasheet HTML 18Page - Tyco Electronics 87232-2 Datasheet HTML 19Page - Tyco Electronics 87232-2 Datasheet HTML 20Page - Tyco Electronics 87232-2 Datasheet HTML 21Page - Tyco Electronics 87232-2 Datasheet HTML 22Page - Tyco Electronics 87232-2 Datasheet HTML 23Page - Tyco Electronics 87232-2 Datasheet HTML 24Page - Tyco Electronics 87232-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
105
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Breakaway Headers—Unshrouded, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
.025 [0.64] Square
Right-Angle Posts
A
D
E Ref.
(Contact
Area)
.100
[2.54]
B
.238
[6.05]
.042
[1.07]
(2 Plc.)
.090
[2.29]
Material and Finish
Housing — Black thermoplastic, 94V-0
rated, high temperature compatible
Posts — Phosphor bronze, duplex
plated .000030 [0.00076] gold on
contact area, .000100-.000200
[0.00254-0.00508] tin on solder tail,
with entire post underplated .000050
[0.00127] nickel
Performance Characteristics
(Board Retention Tails)
Insertion Force — 12 lb [53.4N] max.
Retention Force — .25 lb [1.11N] min.
Related Product Data
Mateable Connectors —
Refer to the Mating Post Selection
Guide — page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
.100
[2.54]
Typ.
.140
[3.56]
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
Headers with Solder Tails
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
Headers with Board Retention Tails
.045
[1.14]
Ref.
.090±.002
[2.29±0.05] .030±.002
[0.76±0.05]
.035±.003
[0.89±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
D
.090
[2.29]
.140
[3.56]
E Ref.
(Contact
Area)
A
B
.238
[6.05]
.042
[1.07]
(2 Plc.)
.100*
[2.54]
.075
[1.91]
Typ.
.030±.002
[0.76±0.05]
.040±.003
[1.02±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
.150±.002
[3.81±0.05]
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
C = .120 [3.05]
C = .110 [2.79]
Header
No. of
Dimensions
D = .230 [5.84]
D = .318 [8.08]
Style
Pos.
A
B
E = .185 [4.70]
E = .200 [5.08]
Part Nos.
Part Nos.
With
—
5-146308-1
5-146309-1
Solder Tails
2
.084 [2.13]
(See Notes
80
9-146308-0
9-146309-0
1 and 2.)
3.984 [101.19]
3.900 [99.06]
With Board
—
5-146310-1
5-146311-1
Retention Tails
2
.084 [2.13]
(See Note 2.)
80
9-146310-0
9-146311-0
3.984 [101.19]
3.900 [99.06]
Notes: 1. Headers without retention tails may be broken to the desired number of positions using Tool Kit No. 314818-1 (not shown).
Notes: 2. Headers are also available in sizes 4 thru 78 positions. When ordering, add the prefix and/or suffix (dash) numbers plus 5- -0 to
the base part number that corresponds with the number of positions per row. For example, the complete part number for a 16-
position header with solder tails (C dimension .120 [3.05)] would be 5-146308-8. The complete part number for a 40-position header
with board retention tails (C dimension .120 [3.05]) would be 7-146310-0. This part numbering system applies only to this page.
Board Retention
using Swaged Tails
(All Header Sizes)
.100
[2.54]
.100*
[2.54]
.100
[2.54]
.110
[2.79]
(
of Stencil Pattern)
CL
(
of Hole Pattern)
CL
.100
[2.54]
.100
[2.54]
(
of
Hole
Pattern)
CL
.170
[4.32]
(
of Stencil Pattern)
CL
.100
[2.54]
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com