Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF38 Datasheet(PDF) 2 Page - Formosa MS

Part # SF38
Description  3.0A Axial Leaded Super Fast Rectifiers-50-600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF38 Datasheet(HTML) 2 Page - Formosa MS

  SF38 Datasheet HTML 1Page - Formosa MS SF38 Datasheet HTML 2Page - Formosa MS SF38 Datasheet HTML 3Page - Formosa MS SF38 Datasheet HTML 4Page - Formosa MS SF38 Datasheet HTML 5Page - Formosa MS SF38 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0123456
2478494





!" 
 
!
#
$%&'()*&
*#

!%! 
+
 ",
-.&((%
"
/ (012

3 
#

 
+ 
!$
/ 
4
4
4
4
4
4

" 2
#
13 !#

#
*
5#
1/*  #

)6
)1
7428491;<97
6
51
31(
&#
!#
!#
#
$/!>
#


#


!?
&'
()*&
)6
>
(@6
?
",
A6
)6
>
(@6
?
",
A6
6
BC@>
6
@?
6
(0@>
C6
(?
6
@(>
)6
B?
6
0>
)6
(?
&,
*6
6
((>
@6
D?
6
)C>
@6
?
&,
*6
E#
1/$2$ +#

#


F149<G1H
*#


 I#
$!

/ 21// 
!#
1
6
E#
1/!21$ +#

#

6
-#

#
$ 2++$ 
#
1$/#
J
2$
#
6

 
!K E-L2#

!6
4
4
-2 
!$ I
#

!M#

$/#
1  
#
$
#
%
-2

#
NEN#
#
$
!E
1 
 
!%6-OB)E6
4
4
4
4
4
F;GP;H40Q
QFRS
TUVWQFRX
RY
Z[[\6
47
Q<]1G
F4H9V1296
^6
1GH_`Z_aZZb
c14818
& $2,
&
,
!!2&

KI#
!&
 KI#
!#

316
3*K*".K
'A&,
.,
'A-
O M$
#

#
$2
O M!21$2
KI!$2
&#
J
2$
#
$ $#

$
*+#

 
2d@@
'
06
B!!#
1
/
!#
MI!2 #
 ! 


>e& 
/ ?

d)"Ef 
#
& I!I 

1
-+  ",
A6 .g36 "*h6 A,
.
,
'
,
O-"
,
K
e
*
*
i*
O
B6

)(@
@6

 d 
. d (@
K
KK"
e
'
 d 
. d )
K
KK"
e
'
@
)
-OB)
-OB(
-OBB
@
)
)@
B@
C
)@
-g"j'-

KK"
>?

K"-

K
>?
>?
k)
k(
kB
k)K 
#

#
I lI!I 

1
k(K"-I 

1
kB 
#
2 2!I!I 

1
k"#
2
MI 

1m,dB6
*
k@
KI!$ I
#

O
"#
2
% 
)

O
>?
k
-OB@
-OBD
B

()
(0
)6
(@
@@
n)(@
-OBC
-OB0
@
D
B@
(
B@
@
)
)@
B

@
D
6
@
)6
C
-OB
(
)
(
-
1
 
2
.
-.o
'
n)C@
D@
> ?
'
' 
#
1

 
2
.%
e
/


p
p
MMM6

 !!6
$ p
.
00D(((DDDD)
O*h
00D(((DD))
A 
)6KI!$ I
#

!$ #

#
%,d6
@*%,d)6
*%, d6
(@*
O
K
KK


>!?
k@
04\6
P<P G496
59H458q7
129G6
247r34G4291G6
H96
2H>*..d(@
*
2
!! 
/M#
! 
?
&-(((0
(0p
(p
)
()(p
p
@
&
D
stu
vwyzv{z{|}~z€v‚ƒz„‚
u
…
u
z
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com