Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF21 Datasheet(PDF) 2 Page - Formosa MS

Part # SF21
Description  2.0A Axial Leaded Super Fast Rectifiers-50-600V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SF21 Datasheet(HTML) 2 Page - Formosa MS

  SF21 Datasheet HTML 1Page - Formosa MS SF21 Datasheet HTML 2Page - Formosa MS SF21 Datasheet HTML 3Page - Formosa MS SF21 Datasheet HTML 4Page - Formosa MS SF21 Datasheet HTML 5Page - Formosa MS SF21 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
0123456
247944



 
!
"#$
 
#
%
&'()*+
,%

#'#
-
 $.
/0(11'
$
21345!

6
%

"
-!!
#&
2!
$5!
%
!46#%

%
!,!
7
7
7
7
7
7

8%
42, % 
9
4
:42;4<1=>7
6
51
641
(%!#%
!#%
!%
!&2#!? %


%

#@
()
*+
*9
?
1+9
@
$.
A9
*9
?
1+9
@
$.
A9
9
B?
C9
D@
9
1B?
+9
3@
9
B?
9
@
9
13?
9
C@
(.
,9
9
*?
B9
D@
9
*?
19
D@
(.
,9
E=FG=H40I
J%
42&5!& -%

%

9
J%
42#54&5!& -%

%

9
E14>F1H
,%


 K%
&#

25422
#%
4!
/%

%
&!5--&
%
!4&2%
L
5!&
%
!9

 
# MJ/N5%
 !
#9
7/5 #&K% #O%&2%!4  %&%!9
7/5%PJP%!%&#J4! #'9/Q1*J9
7
7
7
7
7
IERS
TUVWIERX
(&5 !.
(
.
##5(

MK%
#(
 MK%
#%
!
649
6,M,$ 0 M
")A(.
0.
)A/
QO&
%

%
&5!
QO#54&5!
MK#&5!
(%
L
5!&
%
!& &%

!&
, -%
!
 
5Y++"
)
39
B ##%
!4
2
#%
!OK#5 % #!


?Z ( " 
2@

Y*$J[! 
%
("K#K

4
/ - $.
A9 0\69 $,]9 A.
0
.
)
.
Q/$
.
M
"
Z
,
,
^,
Q
19

D
+9

 Y 
0 Y 1+"
M
MM$
Z
)
 Y 
0 Y *"
M
MM$
Z
)
D
*+
/Q1*
/Q11
/Q1B
+
*
*+
B+
C
*+
/\$_)/

MM$
?@

M$/

M
?@
?@
`*
`1
`B
`*M 
%

%
K aK#K

4
`1M$/K

4
`B"!
%
!55#K#K

4
`$% 5 
OK

4b.Y19
,
`+
MK#&K
% 
Q
$% 5
'!
*

Q
?@
`
/Q1+
/Q1D
B

1*
13
*9
1+
++
c*1+
/Q1C
/Q13
+
D
B+
1
B+
+
*
*+
B

+
D
9
+
*9
C
/Q1
1
*
1
/
4
 
5
0
/0d
)"
c*C+
D+
?"@
)
) 
%
!4

 
5
0'
Z
2


e
e
OOO9

 # #9
& e
0 
33D111DDDD*
Q,]
33D111DD**
A
*9MK#&K
% 
#&!%

%
!'.Y9
+,'.Y*9
,'. Y9
1+,
Q
M
MM
(/111C
13e
1e
*
1*e
+e
*
"
D


?!#@
`+
04f6
G>G F46
5<H459g7
12F6
247h34F421F6
H6
2H?,00Y1+
,
" 5!
##
2O%
#!
@
Ri
jkkf6
47
I>l1F
E4HV126
m6
1FHnojnpjjq
r14919
stu
vwyzv{z{|}~z€v‚ƒz„‚
u
…
u
z
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com