Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS310 Datasheet(PDF) 2 Page - Formosa MS

Part # DSS310
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DSS310 Datasheet(HTML) 2 Page - Formosa MS

  DSS310 Datasheet HTML 1Page - Formosa MS DSS310 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0123
456148910192 03
623
99 0 686620 866




























 

3
5
2 !3
91"3
46214214 # 6#0$108
910192 03
623
96
4 %& 0#9 9" 612'(
3
5
%1)3
% %4#4
0 ! 23
23
! 1*#0$108
6 05 9 00 42
3
5#0$1089 00 428 0123
459 0
3
46214214 # 6#0$108#"215 +
#"26
,-
./0
123451
640
784916:
;15-
5<
-
91=>
-
.?@A<
-
91B=4?







CDEF
2GB,H8I
JC6EK5
LJGCMFMFBH















CDEF
CDEF
! 09 42#! 1*0 06 #"215 +
N
3
5O
2 !3
91"0 06 910192 03
623
96
1%&3
422 %! 012 0 +9
J,,P
J,,
J,,P
J,,
J,,P
J,,
J,,P
J,,
J,,P
J,,
CDEF






0 06 #"215 +
#"26
3
5Q
2 !3
91"R 4923
#491!193
2149
CDEF




J,,P
J,,
J,,P
J,,










T5,I
UVBH6WBX,I
UHP
8WYH
Z
DHJHF[1<
3=?\
]^_`b
defgh`ijk
d
k
llg`md^j
`
n`op
l`md^j
` n`op
lp
ei
]^_`q
rj
j
st
u
u
vvvq
w
exhel^hlq
fehu
yz{t
||}~b~bb}}}}€
‚ƒt
||}~b~bb}}€„€
d…~bbb}„†
b‡‡|u
‡bu
€‡
b‡€‡u
‡ˆu
€‡
‰
b
6 019 %# 4269#22* &1003
00 923
3
0
Š‹Œ‹Ž‘’
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com