| Electronic Components Datasheet Search |
|
LP2951CD3.3 Datasheet(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LP2951CD3.3 Datasheet(HTML) 4 Page - ON Semiconductor |
|
4 / 22 page ![]() LP2950, LP2951, NCV2951 http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (Vin = VO + 1.0 V, IO = 100 mA, CO = 1.0 mF, TA = 25C [Note 3], unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Output Voltage, 5.0 V Versions VO V Vin = 6.0 V, IO = 100 mA, TA = 25C LP2950C−5.0/LP2951C/NCV2951C* 4.950 5.000 5.050 LP2950AC−5.0/LP2951AC/NCV2951AC* 4.975 5.000 5.025 TA = −40 to +125C LP2950C−5.0/LP2951C/NCV2951C* 4.900 − 5.100 LP2950AC−5.0/LP2951AC/NCV2951AC* 4.940 − 5.060 Vin = 6.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C LP2950C−5.0/LP2951C/NCV2951C* 4.880 − 5.120 LP2950AC−5.0/LP2951AC/NCV2951AC* 4.925 − 5.075 Output Voltage, 3.3 V Versions VO V Vin = 4.3 V, IO = 100 mA, TA = 25C LP2950C−3.3/LP2951C−3.3 3.267 3.300 3.333 LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3* 3.284 3.300 3.317 TA = −40 to +125C LP2950C−3.3/LP2951C−3.3 3.234 − 3.366 LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3* 3.260 − 3.340 Vin = 4.3 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C LP2950C−3.3/LP2951C−3.3 3.221 − 3.379 LP2950AC−3.3/LP2951AC−3.3/NCV2951AC−3.3* 3.254 − 3.346 Output Voltage, 3.0 V Versions VO V Vin = 4.0 V, IO = 100 mA, TA = 25C LP2950C−3.0/LP2951C−3.0 2.970 3.000 3.030 LP2950AC−3.0/LP2951AC−3.0 2.985 3.000 3.015 TA = −40 to +125C LP2950C−3.0/LP2951C−3.0 2.940 − 3.060 LP2950AC−3.0/LP2951AC−3.0 2.964 − 3.036 Vin = 4.0 to 30 V, IO = 100 mA to 100 mA, TA = −40 to +125C LP2950C−3.0/LP2951C−3.0 2.928 − 3.072 LP2950AC−3.0/LP2951AC−3.0 2.958 − 3.042 1. The Junction−to−Ambient Thermal Resistance is determined by PCB copper area per Figure 29. 2. This device series contains ESD protection and exceeds the following tests: Human Body Model (HBM), 2000 V, Class 2, JESD22 A114−C Machine Model (MM), 200 V, Class B, JESD22 A115−A Charged Device Model (CDM), 2000 V, Class IV, JESD22 C101−C 3. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible. 4. VO(nom) is the part number voltage option. 5. Noise tests on the LP2951 are made with a 0.01 mF capacitor connected across Pins 7 and 1. *NCV prefix is for automotive and other applications requiring site and change control. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |