Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5585ACBZ-00-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5585ACBZ-00-R7
Description  Keypad Decoder and I/O Expansion
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5585ACBZ-00-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5585ACBZ-00-R7 Datasheet HTML 18Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5585ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADP5585
Data Sheet
Rev. C | Page 22 of 40
FIFO_13 Register 0x0F
Table 23. FIFO_13 Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
EVENT13_STATE
Read only
Refer to Table 10.
6 to 0
EVENT13_IDENTIFIER[6:0]
Read only
Refer to Table 10.
FIFO_14 Register 0x10
Table 24. FIFO_14 Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
EVENT14_STATE
Read only
Refer to Table 10.
6 to 0
EVENT14_IDENTIFIER[6:0]
Read only
Refer to Table 10.
FIFO_15 Register 0x11
Table 25. FIFO_15 Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
EVENT15_STATE
Read only
Refer to Table 10.
6 to 0
EVENT15_IDENTIFIER[6:0]
Read only
Refer to Table 10.
FIFO_16 Register 0x12
Table 26. FIFO_16 Bit Descriptions
Bit(s)
Bit Name
Access
Description
7
EVENT16_STATE
Read only
Refer to Table 10.
6 to 0
EVENT16_IDENTIFIER[6:0]
Read only
Refer to Table 10.
GPI_INT_STAT_A Register 0x13
Table 27. GPI_INT_STAT_A Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 6
N/A
Reserved.
5
GPI_6_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_6 (R5 pin). Cleared on read.
4
GPI_5_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_5 (R4 pin). Cleared on read.
3
GPI_4_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_4 (R3 pin). Cleared on read.
2
GPI_3_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_3 (R2 pin). Cleared on read.
1
GPI_2_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_2 (R1 pin). Cleared on read.
0
GPI_1_INT
Read only
0 = no interrupt
1 = interrupt due to GPI_1 (R0 pin). Cleared on read.
GPI_INT_STAT_B Register 0x14
Table 28. GPI_INT_STAT_B Bit Descriptions
Bit(s)
Bit Name
Access
Description
7 to 5
N/A
Reserved.
4
GPI_11_INT
Read only
0 = no interrupt.
1 = interrupt due to GPI_11 (C4 pin). Cleared on read.
3
GPI_10_INT
Read only
0 = no interrupt.
1 = interrupt due to GPI_10 (C3 pin). Cleared on read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com